Electronic Components Datasheet Search
  English  ▼

X  

ATP102 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ATP102
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP102 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ATP102 Datasheet HTML 1Page - Sanyo Semicon Device ATP102 Datasheet HTML 2Page - Sanyo Semicon Device ATP102 Datasheet HTML 3Page - Sanyo Semicon Device ATP102 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ATP102
No. A1479-4/4
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
This catalog provides information as of May, 2009. Specifications and information herein are subject
to change without notice.
Note on usage : Since the ATP102 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
VGS -- Qg
Total Gate Charge, Qg -- nC
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT10478
A S O
Drain-to-Source Voltage, VDS -- V
PD -- Tc
Case Temperature, Tc --
°C
IT14695
0
5
10
25
20
35
30
15
40
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
VDS= --15V
ID= --40A
IT14697
0
0
20
40
60
80
100
140
120
40
35
25
30
15
20
5
10
45
160
IDP= --120A
ID= --40A
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by R DS(on).
100
μs
10
μs
IT14696
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
5
2
3
7
--10
--0.1
--1.0
23
5
7
2
--10
35 7
2
35
--100
Tc=25
°C
Single pulse
PW
≤10μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com