Electronic Components Datasheet Search
  English  ▼

X  

LC75412WS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75412WS Datasheet HTML 1Page - Sanyo Semicon Device LC75412WS Datasheet HTML 2Page - Sanyo Semicon Device LC75412WS Datasheet HTML 3Page - Sanyo Semicon Device LC75412WS Datasheet HTML 4Page - Sanyo Semicon Device LC75412WS Datasheet HTML 5Page - Sanyo Semicon Device LC75412WS Datasheet HTML 6Page - Sanyo Semicon Device LC75412WS Datasheet HTML 7Page - Sanyo Semicon Device LC75412WS Datasheet HTML 8Page - Sanyo Semicon Device LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
11409HKIM 20081021-S00001 No.A1354-1/19
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LC75412WS
Overview
The LC75412WS are electronic volume controllers that enable control of volume, balance, fader, bass/treble, loudness,
input switching, and input gain using only a small number of external components.
Functions
• Volume
: 0dB to -79dB in 1dB steps, and -
∞ (81 positions) Balance function with separate L/R control
• Fader
: Rear output or front output can be attenuated across 16 positions (in 1dB steps from 0dB to -2dB,
2dB steps from -2dB to -20dB, 10dB steps from -20dB to -30dB, and -45dB, -60dB, -
∞)
• Bass/treble
: Each band can be controlled in 2dB steps from
±0dB to ±18dB.
• Input gain
: 0dB to +18.75dB (1.25dB steps) amplification is possible for the input signal.
• Input switching : Six input signals can be selected for Left and for Right
(five are singleended inputs and one is a differential input.)
• Loudness
: A tap is output from the -32dB position of a volume control resistor ladder.
A loudness function can be implemented by connecting an external RC circuit.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
All input pins
VSS-0.3 to VDD+0.3
V
Operating temperature
Topr
-40 to +85
°C
Ordering number : ENA1354
CMOS IC
Electronic Volume Controller
for Car Audio Systems
• CCB is a registered trademark of SANYO Electric Co., Ltd.
• CCB is SANYO Semiconductor's original bus format. All bus addresses are managed by SANYO
Semiconductor for this format.


Similar Part No. - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75412W SANYO-LC75412W Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
More results

Similar Description - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
Electronic Volume Controller for Car Audio Systems
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com