Electronic Components Datasheet Search
  English  ▼

X  

LC75412WS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75412WS Datasheet HTML 1Page - Sanyo Semicon Device LC75412WS Datasheet HTML 2Page - Sanyo Semicon Device LC75412WS Datasheet HTML 3Page - Sanyo Semicon Device LC75412WS Datasheet HTML 4Page - Sanyo Semicon Device LC75412WS Datasheet HTML 5Page - Sanyo Semicon Device LC75412WS Datasheet HTML 6Page - Sanyo Semicon Device LC75412WS Datasheet HTML 7Page - Sanyo Semicon Device LC75412WS Datasheet HTML 8Page - Sanyo Semicon Device LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LC75412WS
No.A1354-3/19
Package Dimensions
unit : mm (typ)
3190A
Pin Assignment
10.0
12.0
0.15
0.18
0.5
(1.25)
116
17
32
33
48
49
64
SANYO : SQFP64(10X10)
Top view
LC75412WS
61
62
63
64
58
59
60
55
56
57
52
53
54
49
50
51
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
15
16
33
31 32
29 30
27 28
25 26
23 24
21 22
19 20
17 18
13
14
11
12
9
10
7
8
5
6
3
4
LSELO
RSELO
1
LVRIN
RVRIN
LCT
RCT
NC
NC
NC
NC
NC
NC
LF1C1
RF1C1
LF1C2
RF1C2
LF1C3
RF1C3
NC
NC
NC
NC
NC
NC
LF3C1
RF3C1
LF3C2
RF3C2
LF3C3
RF3C3
RTOUT
LTOUT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com