Electronic Components Datasheet Search
  English  ▼

X  

LE24LB642CS Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE24LB642CS
Description  Two Wire Serial Interface EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB642CS Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE24LB642CS Datasheet HTML 1Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 2Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LE24LB642CS
Functional Description
1 Start condition
When the SCL line is at the high level, the start condition is established by changing the SDA line from high to low.
The operation of the EEPROM as a slave starts in the start condition.
2 Stop condition
When the SCL line is at the high level, the stop condition is established by changing the SDA line from low to high.
When the device is set up for the read sequence, the read operation is suspended when the stop condition is received,
and the device is set to standby mode. When it is set up for the write sequence, the capture of the write data is ended
when the stop condition is received, and the EEPROM internal write operation is started.
Stop
condition
Start
condition
SCL
SDA
tSU.STA
tHD.STA
tSU.STO
3 Data transfer
Data is transferred by changing the SDA line while the SCL line is low. When the SDA line is changed while the SCL
line is high, the resulting condition will be recognized as the start or stop condition.
SCL
SDA
tSU.DAT
tHD.DAT
4 Acknowledge
During data transfer, 8-bits are transferred in succession, and then in the ninth clock cycle period the device on the
system bus receiving the data sets the SDA line to low, and sends the acknowledge signal indicating that the data has
been received. The acknowledge signal is not sent during an EEPROM internal write operation.
Acknowledge
bit output
Start
condition
SCL
(EEPROM input)
SDA
(Master output)
SDA
(EEPROM output)
1
8
9
tAA
tDH
No.A1464-5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com