Electronic Components Datasheet Search
  English  ▼

X  

BDB02C Datasheet(PDF) 1 Page - Motorola, Inc

Part # BDB02C
Description  One Watt Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDB02C Datasheet(HTML) 1 Page - Motorola, Inc

  BDB02C Datasheet HTML 1Page - Motorola, Inc BDB02C Datasheet HTML 2Page - Motorola, Inc BDB02C Datasheet HTML 3Page - Motorola, Inc BDB02C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
One Watt Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BDB02C
BDB02D
Unit
Collector – Emitter Voltage
VCEO
–80
–100
Vdc
Collector – Base Voltage
VCES
–80
–100
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–0.5
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watt
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
2.5
20
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
125
°C/W
Thermal Resistance, Junction to Case
RqJC
50
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Voltage
BDB02C
(IC = –10 mA, IB = 0)
BDB02D
V(BR)CEO
–80
–100
—
—
Vdc
Collector Cutoff Current
(VCB = –80 V, IE = 0)
BDB02C
(VCB = –100 V, IE = 0)
BDB02D
ICBO
—
—
–0.1
–0.1
mAdc
Emitter Cutoff Current (IC = 0, VEB = –5.0 V)
IEBO
—
–100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = –100 mA, VCE = –1.0 V)
(IC = –500 mA, VCE = –2.0 V)
hFE
40
25
400
—
—
Collector – Emitter Saturation Voltage(1) (IC = –1000 mA, IB = –100 mA)
VCE(sat)
—
–0.7
Vdc
Collector – Emitter On Voltage(1) (IC = –1000 mA, VCE = –1.0 V)
VBE(on)
—
–1.2
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (IC = –200 mA, VCE = –5.0 V, f = 20 MHz)
fT
50
—
MHz
Output Capacitance (VCB = –10 V, IE = 0, f = 1.0 MHz)
Cob
—
30
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle 2.0%.
Order this document
by BDB02C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BDB02C,D
CASE 29–05, STYLE 1
TO–92 (TO–226AE)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - BDB02C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDB01 MOTOROLA-BDB01 Datasheet
132Kb / 4P
One Watt Amplifier Transistors
BDB01C MOTOROLA-BDB01C Datasheet
132Kb / 4P
One Watt Amplifier Transistors
BDB01D MOTOROLA-BDB01D Datasheet
132Kb / 4P
One Watt Amplifier Transistors
More results

Similar Description - BDB02C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDB01C MOTOROLA-BDB01C Datasheet
132Kb / 4P
One Watt Amplifier Transistors
MPS6714 MOTOROLA-MPS6714 Datasheet
91Kb / 4P
One Watt Amplifier Transistors
MPSW05 MOTOROLA-MPSW05 Datasheet
138Kb / 4P
One Watt Amplifier Transistors
MPSW55 MOTOROLA-MPSW55 Datasheet
141Kb / 4P
One Watt Amplifier Transistors
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
One Watt Darlington Transistors
logo
ON Semiconductor
MPSW05 ONSEMI-MPSW05 Datasheet
101Kb / 4P
One Watt Amplifier Transistors(NPN Silicon)
1996
MPSW55 ONSEMI-MPSW55 Datasheet
104Kb / 4P
One Watt Amplifier Transistors(PNP Silicon)
1996
MPS6726 ONSEMI-MPS6726_10 Datasheet
99Kb / 4P
One Watt Amplifier Transistors
August, 2010 ??Rev. 4
MPSW05 ONSEMI-MPSW05_10 Datasheet
102Kb / 4P
One Watt Amplifier Transistors
August, 2010 ??Rev. 4
MPSW55 ONSEMI-MPSW55_10 Datasheet
103Kb / 4P
One Watt Amplifier Transistors
August, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com