Electronic Components Datasheet Search
  English  ▼

X  

BDB02C Datasheet(PDF) 3 Page - Motorola, Inc

Part # BDB02C
Description  One Watt Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDB02C Datasheet(HTML) 3 Page - Motorola, Inc

  BDB02C Datasheet HTML 1Page - Motorola, Inc BDB02C Datasheet HTML 2Page - Motorola, Inc BDB02C Datasheet HTML 3Page - Motorola, Inc BDB02C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDB02C,D
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 6. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–200
–70
–50
–30
–20
–10
–7.0
–5.0
–3.0
–2.0
300
200
100
70
50
30
VCE = –2.0 V
TJ = 25°C
–100
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–2 k
–1.0
BDB02C
–2.0
–5.0
Figure 7. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
–500
–200
–100
–50
–20
–10
–10
–20
–60
–45
–80 –100
BDB02D
100
µs
1.0 ms
10 s
TC = 25°C
TA = 25°C
dc
dc
–1 k
DUTY CYCLE
≤ 10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com