Electronic Components Datasheet Search
  English  ▼

X  

LIS302DLH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS302DLH
Description  MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DLH Datasheet(HTML) 1 Page - STMicroelectronics

  LIS302DLH Datasheet HTML 1Page - STMicroelectronics LIS302DLH Datasheet HTML 2Page - STMicroelectronics LIS302DLH Datasheet HTML 3Page - STMicroelectronics LIS302DLH Datasheet HTML 4Page - STMicroelectronics LIS302DLH Datasheet HTML 5Page - STMicroelectronics LIS302DLH Datasheet HTML 6Page - STMicroelectronics LIS302DLH Datasheet HTML 7Page - STMicroelectronics LIS302DLH Datasheet HTML 8Page - STMicroelectronics LIS302DLH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
June 2009
Doc ID 15797 Rev 1
1/37
37
LIS302DLH
MEMS digital output motion sensor
ultra low-power high performance 3-axes “piccolo” accelerometer
Features
■ Wide supply voltage, 2.16 V to 3.6 V
■ Low voltage compatible IOs, 1.8 V
■ Ultra thickness 0.8 mm
■ Ultra low-power mode consumption
down to 10 µA
■
±2g/±4g/±8g dynamically selectable full-scale
■ I2C/SPI digital output interface
■ 16 bit data output
■ 2 independent programmable interrupt
generators for free-fall and motion detection
■ Sleep to wake-up function
■ 6D orientation detection
■ Embedded self-test
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant (see
Section 8)
Applications
■ Motion activated functions
■ Free-fall detection
■ Intelligent power saving for handheld devices
■ Pedometer
■ Display orientation
■ Gaming and virtual reality input devices
■ Impact recognition and logging
■ Vibration monitoring and compensation
Description
The LIS302DLH is an ultra low-power high
performance three axes linear accelerometer
belonging to the “piccolo” family, with digital
I2C/SPI serial interface standard output.
The device features ultra low-power operational
modes that allow advanced power saving and
smart sleep to wake-up functions.
The LIS302DLH has dynamically user selectable
full scales of ±2
g/±4g/±8g and it is capable of
measuring accelerations with output data rates
from 0.5 Hz to 1 kHz.
The self-test capability allows the user to check
the functioning of the sensor in the final
application.
The device may be configured to generate
interrupt signal by inertial wake-up/free-fall events
as well as by the position of the device itself.
Thresholds and timing of interrupt generators are
programmable by the end user on the fly.
The LIS302DLH is available in small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
LGA-14 (3x5x0.8mm)
Table 1.
Device summary
Order codes
Temperature range [
° C]
Package
Packaging
LIS302DLH
-40 to +85
LGA-14
Tray
LIS302DLHTR
-40 to +85
LGA-14
Tape and reel
www.st.com


Similar Part No. - LIS302DLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
LIS302DLTR STMICROELECTRONICS-LIS302DLTR Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS302DLTR STMICROELECTRONICS-LIS302DLTR Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
More results

Similar Description - LIS302DLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
29-Apr-2009
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
05-Oct-2009
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com