Electronic Components Datasheet Search
  English  ▼

X  

ISL29021 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29021
Description  Digital Proximity Sensor with Interrupt Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29021 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29021 Datasheet HTML 1Page - Intersil Corporation ISL29021 Datasheet HTML 2Page - Intersil Corporation ISL29021 Datasheet HTML 3Page - Intersil Corporation ISL29021 Datasheet HTML 4Page - Intersil Corporation ISL29021 Datasheet HTML 5Page - Intersil Corporation ISL29021 Datasheet HTML 6Page - Intersil Corporation ISL29021 Datasheet HTML 7Page - Intersil Corporation ISL29021 Datasheet HTML 8Page - Intersil Corporation ISL29021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6732.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2009. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29021
Digital Proximity Sensor with Interrupt
Function
The ISL29021 is an integrated proximity and infrared sensor
with a built-in IR LED driver and I2C Interface (SMBus
Compatible). This device provides infrared sensing to allow
proximity estimation featured with interrupt function.
For infrared and proximity sensing, an internal ADC has
been designed based on the charge-balancing A/D
conversion technique.
The ADC is used to digitize the output signal from the
photodiode array when the internal IR LED driver is turned
on and off for the programmed time periods under
user-selected modulation frequency to drive the external IR
LED. As this proximity sensor employs a noise cancellation
scheme to highly reject unwanted IR noise, the digital output
of proximity sensing decreases with distance. The driver
output current is user selectable up to 100mA to drive
different types of IR emitters LEDs.
Four different modes of operation can be selected via the I2C
interface: programmable IR sensing once, programmable
proximity sensing once, programmable continuous IR sensing
and programmable continuous proximity sensing. The
programmable one-time operation modes greatly reduce power
because an immediate automatic shutdown reduces overall
supply current less than 0.5µA.
The ISL29021 supports both hardware and software
interrupts that remain asserted until the host clears it through
I2C interface for proximity detection.
Designed to operate on supplies from 2.5V to 3.63V, the
ISL29021 is specified for operation over the -40°C to +85°C
ambient temperature range. It is packaged in a clear, Pb-free
8 Ld ODFN package.
Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
- Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
- Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution up to 16-bits
• Selectable Range (via I2C)
• Works Under Various Light Sources, Including Sunlight
Ideal Spectral Response for Proximity Sensor
• Proximity sensor range from 850nm to 950nm
- Can use either 850nm or 950nm LED solution
Ultra Low Power
•90μA Max Operating Current
• Software Shutdown and Automatic Shutdown
-0.5μA Max Shutdown Current
Easy to Use
•I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
• Small Form Factor
- 8 Ld 2.0mmx2.1mmx0.7mm ODFN Package
Additional Features
•I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)
Applications
• Display and Keypad Proximity Sensing for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Notebook PC, Webpad
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
• Industrial and Medical Proximity Sensing
Ordering Information
PART NUMBER
(Note)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29021IROZ-T7*
-40 to +85
8 Ld ODFN L8.2.1x2.0
ISL29021IROZ-EVALZ Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
March 3, 2009


Similar Part No. - ISL29021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
ISL29021IROZ-EVALZ INTERSIL-ISL29021IROZ-EVALZ Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
logo
Renesas Technology Corp
ISL29021IROZ-EVALZ RENESAS-ISL29021IROZ-EVALZ Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29021IROZ-T7 INTERSIL-ISL29021IROZ-T7 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
More results

Similar Description - ISL29021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 14, 2009
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 5, 2011
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
ISL29021IROZ-T7 INTERSIL-ISL29021IROZ-T7 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com