Electronic Components Datasheet Search
  English  ▼

X  

SLD333V Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD333V
Description  1W High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD333V Datasheet(HTML) 2 Page - Sony Corporation

  SLD333V Datasheet HTML 1Page - Sony Corporation SLD333V Datasheet HTML 2Page - Sony Corporation SLD333V Datasheet HTML 3Page - Sony Corporation SLD333V Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
SLD333V
Po = 1.0W
Po = 1.0W
Po = 1.0W
Po = 1.0W
Po = 1.0W
Po = 1.0W
Po = 1.0W
Electrical and Optical Characteristics (Tc = 25°C)
Tc: Case temperature
Item
Threshold current
Operating current
Operating voltage
Wavelength
Radiation
angle
Positional
accuracy
Differential efficiency
Monitor current
Symbol
Ith
Iop
Vop
λp
θ//
θ⊥
∆φ//
∆φ⊥
∆X, ∆Y
ηD
Imon
Conditions
Min.
—
—
—
790
4
27
—
—
—
0.5
0.3
Typ.
0.2
1.2
2.0
—
9
32
—
—
—
0.9
1.5
Max.
0.5
1.5
3.0
840
15
40
±5
±3
±50
—
6
Unit
A
A
V
nm
degree
degree
degree
degree
µm
W/A
mA
Parallel
Perpendicular
Angle
Position



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com