Electronic Components Datasheet Search
  English  ▼

X  

SLD333V Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD333V
Description  1W High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD333V Datasheet(HTML) 1 Page - Sony Corporation

  SLD333V Datasheet HTML 1Page - Sony Corporation SLD333V Datasheet HTML 2Page - Sony Corporation SLD333V Datasheet HTML 3Page - Sony Corporation SLD333V Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
– 1 –
E03723-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD333V
M-248
1W High Power Laser Diode
Description
The SLD333V is a 1W high power laser diode
designed to have a uniform emission area that is
suitable for the applications of measurement and
printing, etc.
It adopts a
φ9 package that is easy to handle.
Features
• High power
Recommended optical power output: Po = 1W
• High-optical power density: 1W/100µm
(Emitting line width)
Structure
AlGaAs Quantum Well structure laser diode
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Pomax
1.1
W
• Reverse voltage
VR LD
3
V
PD
15
V
• Operating temperature (Tc)
Topr
–10 to +30
°C
• Storage temperature
Tstg
–50 to +85
°C
Operating Lifetime
MTTF 10,000H (effective value) at Po = 1W, Tc = 25°C
Warranty
This warranty period shall be 90 days after receipt of the product or 1,000 hours operation time whichever is
shorter.
Sony Quality Assurance Department shall analyze any product that fails during said warranty period, and if the
analysis results show that the product failed due to material or manufacturing defects on the part of Sony, the
product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull distribution.
Pin Configuration
2
Bottom View
1
3
1. LD cathode
2. PD anode
3. COMMON


Similar Part No. - SLD333V

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
2W High Power Laser Diode
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
5W High Power Laser Diode
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results

Similar Description - SLD333V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
1W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com