Electronic Components Datasheet Search
  English  ▼

X  

CXG7003FN Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG7003FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG7003FN Datasheet(HTML) 4 Page - Sony Corporation

  CXG7003FN Datasheet HTML 1Page - Sony Corporation CXG7003FN Datasheet HTML 2Page - Sony Corporation CXG7003FN Datasheet HTML 3Page - Sony Corporation CXG7003FN Datasheet HTML 4Page - Sony Corporation CXG7003FN Datasheet HTML 5Page - Sony Corporation CXG7003FN Datasheet HTML 6Page - Sony Corporation CXG7003FN Datasheet HTML 7Page - Sony Corporation CXG7003FN Datasheet HTML 8Page - Sony Corporation CXG7003FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXG7003FN
Electrical Characteristics
These specifications are when the Sony's recommended evaluation board shown on page 8 is used.
1. Control Pin Logic for Antenna Switch
Conditions of control pins
VCTL1 = 3V, VCTL2 = 0V
VCTL1 = 0V, VCTL2 = 3V
ANT1 – TX
ANT2 – RX
ON
OFF
ANT2 – TX
ANT1 – RX
OFF
ON
2. Power Amplifier Block + Antenna Switch Transmitter Block
These specifications are common to the ANT1 transmission and ANT2 transmission.
Unless otherwise specified: VDD = 3V, IDD = 150mA, POUT = 20.2dBm, f = 1.9GHz
When ANT1 transmission: VCTL1 = 3V, VCTL2 = 0V
When ANT2 transmission: VCTL1 = 0V, VCTL2 = 3V
(Ta = 25°C)
Unit
Item
Current consumption
Gate voltage adjustment value
Output power
Power gain
Adjacent channel leak power ratio
(600 ± 100kHz)
Adjacent channel leak power ratio
(900 ± 100kHz)
Occupied bandwidth
2nd-order harmonic level
3rd-order harmonic level
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measurement conditions
mA
V
dBm
dB
dBc
dBc
kHz
dBc
dBc
Symbol
IDD
VGG
POUT
GP
ACPR600kHz
ACPR900kHz
OBW
—
—
Max.
0.6
–55
–60
275
–25
–25
Typ.
150
40
–63
–70
250
Min.
0.04
20.2
36



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com