Electronic Components Datasheet Search
  English  ▼

X  

CXG7003FN Datasheet(PDF) 7 Page - Sony Corporation

Part # CXG7003FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG7003FN Datasheet(HTML) 7 Page - Sony Corporation

  CXG7003FN Datasheet HTML 1Page - Sony Corporation CXG7003FN Datasheet HTML 2Page - Sony Corporation CXG7003FN Datasheet HTML 3Page - Sony Corporation CXG7003FN Datasheet HTML 4Page - Sony Corporation CXG7003FN Datasheet HTML 5Page - Sony Corporation CXG7003FN Datasheet HTML 6Page - Sony Corporation CXG7003FN Datasheet HTML 7Page - Sony Corporation CXG7003FN Datasheet HTML 8Page - Sony Corporation CXG7003FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
– 7 –
CXG7003FN
2. Antenna Switch Receiver Block + Low Noise Down Conversion Mixer (Ta = 25°C)
GC, NF vs. PLO
PLO – Local input [dBm]
–25
–20
–15
–10
–5
0
16
17
18
19
20
21
22
4.00
4.25
4.50
4.75
5.00
5.25
5.50
VDD = 3V, RF1 = 1.90GHz/small signal,
LO = 1.66GHz
When ANT1 reception: VCTL1 = 0V, VCTL2 = 3V
When ANT2 reception: VCTL1 = 3V, VCTL2 = 0V
The data shown below is common to ANT1 and ANT2.
VDD = 3V, RF = 1.90GHz/–35dBm,
LO = 1.66GHz
When ANT1 reception: VCTL1 = 0V, VCTL2 = 3V
When ANT2 reception: VCTL1 = 3V, VCTL2 = 0V
Input IP3 is common to ANT1 and ANT2.
VDD = 3V, RF1 = 1.9000GHz, RF2 = 1.9006GHz,
LO = 1.66GHz/–15dBm
When ANT1 reception: VCTL1 = 0V, VCTL2 = 3V
When ANT2 reception: VCTL1 = 3V, VCTL2 = 0V
The data shown below is common to ANT1 and ANT2.
POUT, PIM3 vs. PIN
PIN – RF input power [dBm]
–50
–40
–30
–20
–10
0
–100
–80
–60
–40
–20
0
20
Input IP3, PLK vs. PLO
PLO – Local input [dBm]
–25
–20
–15
–10
–5
0
–22
–20
–18
–16
–14
–12
ANT1
ANT2
–10
–60
–55
–50
–45
–40
–35
–30
POUT
GC
NF
PIM3
Input IP3
Input IP3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com