Electronic Components Datasheet Search
  English  ▼

X  

SLD335F Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD335F
Description  5W High Power Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD335F Datasheet(HTML) 3 Page - Sony Corporation

  SLD335F Datasheet HTML 1Page - Sony Corporation SLD335F Datasheet HTML 2Page - Sony Corporation SLD335F Datasheet HTML 3Page - Sony Corporation SLD335F Datasheet HTML 4Page - Sony Corporation SLD335F Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLD335F
- 3 -
Electrical and Optical Characteristics
(Tc = Case temperature, 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Threshold current
Ith
—
0.8
1.5
A
Operating current
Iop
Po = 5W
—
5.2
6.5
A
Operating voltage
Vop
Po = 5W
—
2.2
3.0
V
Wavelength
λp
Po = 5W
805
—
811
nm
Radiation
angle
Perpendicular
θ⊥
Po = 5W
15
23
33
degree
Parallel
θ∥
Po = 5W
4
11
17
degree
Positional
accuracy
Position
ΔX—
—
±100
μm
ΔY—
—
±100
μm
Angle
Δφ∥
Po = 5W
—
—
±3
degree
Δφ⊥
Po = 5W
—
—
±4
degree
Differential efficiency
ηD
Po = 5W
0.65
1.1
—
W/A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com