Electronic Components Datasheet Search
  English  ▼

X  

SLD335F Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD335F
Description  5W High Power Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD335F Datasheet(HTML) 1 Page - Sony Corporation

  SLD335F Datasheet HTML 1Page - Sony Corporation SLD335F Datasheet HTML 2Page - Sony Corporation SLD335F Datasheet HTML 3Page - Sony Corporation SLD335F Datasheet HTML 4Page - Sony Corporation SLD335F Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 1 -
E07620-CR
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD335F
5W High Power Laser Diode
Description
The SLD335F is a 5W high power laser diode designed to have a uniform emission area that is suitable for the
applications for solid-state laser excitation, measurement, printing, etc.
Features
High-power
Recommended optical power output Po = 5W
High-optical power density: 5W/200
μm (Emitting line width)
Package
M-S035
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000h (effective value) at Po = 5W, Tc = 25°C


Similar Part No. - SLD335F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results

Similar Description - SLD335F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
RLT780-150GS ROITHNER-RLT780-150GS Datasheet
278Kb / 4P
High Power Infrared Laser Diode
RLT830-150GS ROITHNER-RLT830-150GS Datasheet
58Kb / 1P
High Power Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com