Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3082
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3082 Datasheet HTML 4Page - Linear Technology LT3082 Datasheet HTML 5Page - Linear Technology LT3082 Datasheet HTML 6Page - Linear Technology LT3082 Datasheet HTML 7Page - Linear Technology LT3082 Datasheet HTML 8Page - Linear Technology LT3082 Datasheet HTML 9Page - Linear Technology LT3082 Datasheet HTML 10Page - Linear Technology LT3082 Datasheet HTML 11Page - Linear Technology LT3082 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3082
8
3082f
Introduction
The LT3082 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Included are reverse-input, reverse-output and reverse
input-to-output protection for sensitive circuitry and loads.
Additional protection includes short-circuit protection and
thermal shutdown with hysteresis.
The LT3082 fits well in applications needing multiple rails.
This new architecture adjusts down to zero with a single
resistor, handling modern low voltage digital IC’s as well
as allowing easy parallel operation and thermal manage-
ment without heat sinks. Adjusting to zero output allows
shutting off the powered circuitry. When the input is pre-
regulated—such as a 5V or 3.3V input supply—external
resistors can help spread the heat.
A precision “0” TC 10μA reference current source connects
to the noninverting input of a power operational amplifier.
The power operational amplifier provides a low impedance
buffered output to the voltage on the noninverting input.
A single resistor from the noninverting input to ground
sets the output voltage. If this resistor is set to 0Ω, zero
output voltage results. Therefore, any output voltage be-
tween zero and the maximum defined by the input power
supply voltage is obtainable.
The benefit of using a true internal current source as the
reference, as opposed to a bootstrapped reference in older
regulators, is not so obvious in this architecture. A true
APPLICATIONS INFORMATION
reference current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. On older adjustable regulators, such as
the LT1086, loop gain changes with output voltage and
bandwidth changes if the adjustment pin is bypassed
to ground. For the LT3082, loop gain is unchanged with
output voltage changes or bypassing. Output regulation
is not a fixed percentage of output voltage, but is a fixed
fraction of millivolts. Use of a true current source allows
all of the gain in the buffer amplifier to provide regulation,
and none of that gain is needed to amplify up the reference
to a higher output voltage.
Programming Output Voltage
The LT3082 generates a 10μA reference current that
flows out of the SET pin. Connecting a resistor from SET
to GND generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage equals 10μA multiplied by the value of the SET
pin resistor. Any voltage may be generated and there
is no minimum output voltage for the regulator. Table
1 lists many common output voltages and the closest
standard 1% resistor values used to generate that output
voltage.
Regulation of the output voltage requires a minimum load
current of 0.5mA. For a true 0V output operation, return
this minimum 0.5mA load current to a negative supply
voltage.
Figure 1. Basic Adjustable Regulator
3082 F01
IN
SET
OUT
+
–
LT3082
10μA
RLOAD
CSET
RSET
CIN
VOUT = 10μA • RSET
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com