Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3082
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 4 Page - Linear Technology

  LT3082 Datasheet HTML 1Page - Linear Technology LT3082 Datasheet HTML 2Page - Linear Technology LT3082 Datasheet HTML 3Page - Linear Technology LT3082 Datasheet HTML 4Page - Linear Technology LT3082 Datasheet HTML 5Page - Linear Technology LT3082 Datasheet HTML 6Page - Linear Technology LT3082 Datasheet HTML 7Page - Linear Technology LT3082 Datasheet HTML 8Page - Linear Technology LT3082 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3082
4
3082f
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage Distribution
Offset Voltage
Offset Voltage
Load Regulation
Minimum Load Current
SET Pin Current
SET Pin Current Distribution
Offset Voltage (VOUT – VSET)
TEMPERATURE (°C)
–50
–2.0
–1.5
–0.5
0
0.5
2.0
1.5
0
50
75
3082 G03
–1.0
1.0
–25
25
100 125
150
TEMPERATURE (°C)
–50
9.900
9.925
9.975
10.000
10.025
10.100
10.075
0
50
75
3082 G01
9.950
10.050
–25
25
100 125
150
INPUT-TO-OUTPUT VOLTAGE (V)
0
–1.00
–0.75
–0.25
0
0.25
1.00
0.75
10
20
25
3082 G05
–0.50
0.50
515
30
35
40
ILOAD = 1mA
TEMPERATURE (°C)
–50
0
200
300
400
600
0
50
75
3082 G08
100
500
–25
25
100 125
150
SET PIN CURRENT DISTRIBUTION (μA)
10.20
3082 G02
9.90
10
10.10
9.80
N = 1326
VOS DISTRIBUTION (mV)
2
3082 G04
–1
0
1
–2
N = 1326
LOAD CURRENT (mA)
0
–400
–350
–250
–200
–150
100
–50
100
3082 G06
–300
0
50
–100
50
150
200
TEMPERATURE (°C)
–50
–200
–100
150
3082 G07
–300
–400
0
50
100
–25
25
75
125
0
50
100
–250
–150
–350
–50
–20
0
–40
–80
20
–30
–10
–50
–60
–70
10
ΔILOAD = 1mA TO 200mA
VIN – VOUT = 3V
CHANGE IN REFERENCE CURRENT
CHANGE IN OFFSET VOLTAGE
(VOUT – VSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com