Electronic Components Datasheet Search
  English  ▼

X  

LT3519 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3519
Description  LED Driver with Integrated Schottky Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3519 Datasheet(HTML) 2 Page - Linear Technology

  LT3519 Datasheet HTML 1Page - Linear Technology LT3519 Datasheet HTML 2Page - Linear Technology LT3519 Datasheet HTML 3Page - Linear Technology LT3519 Datasheet HTML 4Page - Linear Technology LT3519 Datasheet HTML 5Page - Linear Technology LT3519 Datasheet HTML 6Page - Linear Technology LT3519 Datasheet HTML 7Page - Linear Technology LT3519 Datasheet HTML 8Page - Linear Technology LT3519 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3519
2
3519f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, OPENLED (Note 3).............................................40V
SHDN/UVLO (Note 4) ...............................................40V
SW, ISP, ISN, ANODE, CATHODE ..............................45V
PWM, CTRL ..............................................................10V
FB, VREF ......................................................................3V
Operating Ambient Temperature Range
(Note 2).................................................. –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
1
2
3
4
5
6
7
8
GND
OPENLED
PWM
SHDN/UVLO
VIN
SW
ANODE
GND
16
15
14
13
12
11
10
9
GND
VREF
CTRL
FB
ISN
ISP
CATHODE
GND
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 130°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
Continuous Operation (Note 3)
3
30
V
VIN Supply Current
SHDN/UVLO = 0V
(Shutdown)
PWM = 0V
(Idle)
PWM > 1.5V, FB = 1.5V (Active, Not Switching)
0.1
2.0
2.5
μA
mA
mA
Current Sense Voltage (VISP-VISN)
ISP = 24V, CTRL = 2V
ISP = 0V, CTRL = 2V
l
240
250
250
260
mV
mV
Zero Current Sense Voltage (VISP-VISN)
ISP = 24V, CTRL = 100mV
–12
–6
0
mV
Current Sense Voltage Line Regulation
2.5V < ISP < 45V
0.02
%/V
Switching Frequency
400kHz
(LT3519)
l
320
400
440
kHz
Maximum Duty Cycle
400kHz
(LT3519)
94
97
%
Switch Current Limit
l
750
980
1150
mA
Switch VCESAT
ISW = 500mA
300
mV
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3519EMS#PBF
LT3519EMS#TRPBF
3519
16-Lead Plastic MSOP
–40°C to 125°C
LT3519IMS#PBF
LT3519IMS#TRPBF
3519
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, SHDN/UVLO = 12V, CTRL = 2V, PWM = 5V,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com