Electronic Components Datasheet Search
  English  ▼

X  

LT3519 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3519
Description  LED Driver with Integrated Schottky Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3519 Datasheet(HTML) 4 Page - Linear Technology

  LT3519 Datasheet HTML 1Page - Linear Technology LT3519 Datasheet HTML 2Page - Linear Technology LT3519 Datasheet HTML 3Page - Linear Technology LT3519 Datasheet HTML 4Page - Linear Technology LT3519 Datasheet HTML 5Page - Linear Technology LT3519 Datasheet HTML 6Page - Linear Technology LT3519 Datasheet HTML 7Page - Linear Technology LT3519 Datasheet HTML 8Page - Linear Technology LT3519 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3519
4
3519f
TYPICAL PERFORMANCE CHARACTERISTICS
VISP-VISN Threshold vs VCTRL
Switch Current Limit vs
Duty Cycle
VREF Voltage vs Temperature
VISP-VISN Threshold vs
Temperature
Switch Current Limit vs
Temperature
Oscillator Frequency vs
Temperature
VISP-VISN Threshold vs VISP
VREF Voltage vs VIN
Quiescent Current vs VIN
VCTRL (V)
0
200
250
300
3519 G01
150
100
0.5
1.0
1.5
2.0
50
0
–50
VIN = 12V
VISP = 24V
TEMPERATURE (°C)
–50
2.00
2.02
125
3519 G03
1.98
1.96
0
50
100
–25
25
75
2.04
1.99
2.01
1.97
2.03
VIN = 12V
TEMPERATURE (°C)
–50
240
242
246
248
250
260
254
0
50
75
3519 G04
244
256
258
252
–25
25
100
125
VIN = 12V
VISP = 24V
VCTRL = 2V
TEMPERATURE (°C)
–50
600
700
800
900
1000
050
100
125
3519 G05
1100
1200
–25
25
75
VIN = 12V
VISP (V)
0
252
256
260
40
3519 G07
248
244
250
254
258
246
242
240
10
20
30
50
VIN = 12V
VCTRL = 2V
VIN (V)
0
2.00
2.02
40
3519 G08
1.98
1.96
10
20
30
5
15
25
35
2.04
1.99
2.01
1.97
2.03
VIN (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
10
20
30
40
3519 G09
VPWM = 5V
VFB = 1.5V
DUTY CYCLE (%)
0
600
700
800
900
1000
1100
1200
25
50
75
100
3519 G02
TEMPERATURE (°C)
–50
400
410
420
25
75
3519
390
380
–25
0
50
100
125
370
360
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com