Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFD Datasheet(PDF) 9 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3070EUFD Datasheet HTML 5Page - Linear Technology LT3070EUFD Datasheet HTML 6Page - Linear Technology LT3070EUFD Datasheet HTML 7Page - Linear Technology LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology LT3070EUFD Datasheet HTML 10Page - Linear Technology LT3070EUFD Datasheet HTML 11Page - Linear Technology LT3070EUFD Datasheet HTML 12Page - Linear Technology LT3070EUFD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3070
9
3070p
PIN FUNCTIONS
MARGSEL (Pin 21): Margining Enable and Polarity Se-
lection. This three-state pin determines both the polarity
and the active state of the margining function. The logic
low threshold is less than 220mV referenced to GND and
enables negative voltage margining. The logic “high”
threshold is greater than VBIAS – 500mV and enables
positive voltage margining. The voltage range between
these two logic thresholds defines the logic Hi-Z state
and disables the margining function.
MARGTOL (Pin 22): Margining Tolerance. This three-
state pin selects the absolute value of margining (1%,
3% or 5%) if enabled by the MARGSEL input. The logic
low threshold is less than 220mV referenced to GND and
enables either ±1% change in VOUT depending on the state
of the MARGSEL pin. The logic high threshold is greater
than VBIAS – 500mV and enables either ±5% change in
VOUT depending on the state of the MARGSEL pin. The
voltage range between these two logic thresholds defines
the logic Hi-Z state and enables either ±3% change in VOUT
depending on the state of the MARGSEL pin.
VO2, VO1 and VO0 (Pins 23, 24, 25): Output Voltage Select.
These three-state pins combine to select a nominal output
voltage from 0.8V to 1.8V in increments of 50mV. Output
voltage is limited to 1.8V maximum by an internal override
of VO1 when VO2 = “1”. The input logic “0” threshold is less
than 220mV referenced to GND and the logic “1” threshold
is greater than VBIAS – 500mV. The range between these
two thresholds defines the logic Hi-Z state. See Table 1 in
the Applications Information section that defines the VO2,
VO1 and VO0 settings versus VOUT.
BIAS (Pin 27): Bias Supply. This pin supplies current
to most of the internal control circuitry and the output
stage driving the pass transistor. The LT3070 requires a
minimum 2.2μF bypass capacitor for stability and proper
operation. To ensure proper operation, the BIAS voltage
must conform to the equation:
(1.2 • VOUT) + 935mV ≤ VBIAS ≤ 3.6V
EN (Pin 28): Enable. This pin starts the internal reference,
enables all outputs and enables all support functions.
After start-up, pulling the EN pin low keeps the reference
circuit active, but disables the output transistor and puts
the LT3070 into a lower power “nap” mode. Drive the EN
pin with either a digital logic port or an open-collector NPN
or open-drain NMOS terminated with a pull-up resistor to
VBIAS. The pull-up resistor must be no larger than 35k to
meet the VIH condition of the EN pin. If unused, connect
the EN pin to VBIAS.
Exposed Pad (Pin 29): GND. Tie the Exposed Pad to all
GND pins and directly to the PCB GND. This Exposed Pad
provides enhanced thermal performance with its connec-
tion to the PCB GND. See the Applications Information
section for thermal considerations and calculating junction
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com