Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology LT3070EUFD Datasheet HTML 10Page - Linear Technology LT3070EUFD Datasheet HTML 11Page - Linear Technology LT3070EUFD Datasheet HTML 12Page - Linear Technology LT3070EUFD Datasheet HTML 13Page - Linear Technology LT3070EUFD Datasheet HTML 14Page - Linear Technology LT3070EUFD Datasheet HTML 15Page - Linear Technology LT3070EUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3070
12
3070p
APPLICATIONS INFORMATION
component cost savings. The LT3070 steps to the next
level of performance for the latest generation FPGAs, DSPs
and microprocessors. The simple versatility and benefits
derived from these circuits exceed the power supply needs
of today’s high performance microprocessors.
Programming Output Voltage
Three tri-level input pins, VO2, VO1 and VO0, select the
value of output voltage. Table 1 illustrates the 3-bit digital
word to output voltage table resulting from setting these
pins high, low or allowing them to float.
These pins may be tied high or tied low by either pin-strap-
ping them to VBIAS or driving them with digital ports. Pins
that float may either actually float or require logic that has
Hi-Z output capability. This allows output voltage to be
dynamically changed if necessary.
Output voltage is selectable from a minimum of 0.8V to
a maximum of 1.8V in increments of 50mV. The MSB,
VO2, sets the pedestal voltage, and the LSB’s, VO1 and
VO0 increment VOUT.
Output voltage is limited to 1.8V maximum by an internal
override of VO1 (default to “0”) when VO2 = “1”.
Table 1: VO2-VO0 Settings vs Output Voltage
VO2
VO1
VO0
VOUT(NOM)
VO2
VO1
VO0
VOUT(NOM)
0
0
0
0.80V
Z
0
1
1.35V
0
0
Z
0.85V
Z
Z
0
1.40V
0
0
1
0.90V
Z
Z
Z
1.45V
0
Z
0
0.95V
Z
Z
1
1.50V
0
Z
Z
1.00V
Z
1
0
1.55V
0
Z
1
1.05V
Z
1
Z
1.60V
0
1
0
1.10V
Z
1
1
1.65V
0
1
Z
1.15V
1
X
0
1.70V
0
1
1
1.20V
1
X
Z
1.75V
Z
0
0
1.25V
1
X
1
1.80V
Z
0
Z
1.30V
X = Don’t Care, 0 = GND, Z = Float, 1 = VBIAS
The input logic “0” threshold is less than 220mV referenced
to GND and the logic “1” threshold is greater than VBIAS
– 500mV. The range between these two thresholds defines
the logic Hi-Z state.
REF/BYP—Voltage Reference
This pin is the buffered output of the internal bandgap
reference and has an output impedance of
≅19kΩ. The
design includes an internal compensation pole at fC = 4kHz.
A 10nF REF/BYP capacitor to GND creates a lowpass pole
at fLP = 840Hz. The 10nF capacitor decreases reference
voltage noise to about 10μVRMS and soft-starts the refer-
ence. The LT3070 only soft-starts the reference voltage
during an initial turn-on sequence. If the EN pin is toggled
low after initial turn-on, the reference remains powered-up.
Therefore, toggling the EN pin from low to high does not
soft-start the reference. Only by turning the BIAS supply
voltage on and off will the reference be soft-started. Output
voltage noise is the RMS sum of the reference voltage
noise in addition to the amplifier noise.
The REF/BYP pin must not be DC loaded by anything except
for applications that parallel other LT3070 regulators for
higher output currents. Consult the Applications Section
on Paralleling for further details.
Output Voltage Margining
Two tri-level input pins, MARGSEL (polarity) and MARGTOL
(scale), select the polarity and amount of output voltage
margining. Margining is programmable in increments of
±1%, ±3% and ±5%. Margining is internally implemented
as a scaling of the reference voltage.
Table 2 illustrates the 2-bit digital word to output voltage
margining resulting from setting these pins high, low or
allowing them to float.
These pins may be set high or set low by either pin-strap-
ping them to VBIAS or driving them with digital ports. Pins
that float may either actually float or require logic that has
“Hi-Z” output capability. This allows output voltage to be
dynamically margined if necessary.
The MARGSEL pin determines both the polarity and the
active state of the margining function. The logic “low”
threshold is less than 220mV referenced to GND and
enables negative voltage margining. The logic “high”
threshold is greater than VBIAS – 500mV and enables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com