Electronic Components Datasheet Search
  English  ▼

X  

LT3582EUDPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3582EUDPBF
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582EUDPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3582EUDPBF Datasheet HTML 1Page - Linear Technology LT3582EUDPBF Datasheet HTML 2Page - Linear Technology LT3582EUDPBF Datasheet HTML 3Page - Linear Technology LT3582EUDPBF Datasheet HTML 4Page - Linear Technology LT3582EUDPBF Datasheet HTML 5Page - Linear Technology LT3582EUDPBF Datasheet HTML 6Page - Linear Technology LT3582EUDPBF Datasheet HTML 7Page - Linear Technology LT3582EUDPBF Datasheet HTML 8Page - Linear Technology LT3582EUDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3582/LT3582-5/LT3582-12
1
3582512f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
I2C Programmable Boost
and Single Inductor Inverting
DC/DC Converters with OTP
TheLT®3582/LT3582-5/LT3582-12aredualDC/DCconvert-
ers featuring positive and negative outputs and integrated
feedback resistors. The LT3582, with its built in One Time
Programming (OTP), has configurable output settings via
the I2C interface, including output voltage settings, power
up sequencing, power down discharge, and output voltage
ramp rates. LT3582 settings can be changed adaptively in
the final product, or set during manufacturing and made
permanent using the built in non-volatile OTP memory.
The positive output voltage can be set between 3.2V and
12.775V in 25mV steps. The negative output voltage can
be set between –1.2V and –13.95V in –50mV steps. The
LT3582-5 and LT3582-12 are pre-configured at the factory
for ±5V and ±12V outputs respectively.
The LT3582 series includes two monolithic converters,
one Boost and one Inverting. The Boost converter has an
integrated power switch and output disconnect switch.
The Inverting converter uses a single inductor topology
and includes an integrated power switch. Both Boost and
Inverting converters use a novel** control scheme result-
ing in low output voltage ripple while allowing for high
conversion efficiency over a wide load current range. The
LT3582 series is available in a 16-pin 3mm x 3mm QFN.
±12V Supplies from a Single 5V Input
n Output Voltages:
3.2V to 12.775V and –1.2V to –13.95V (LT3582)
5V and –5V (LT3582-5)
12V and –12V (LT3582-12)
n Digitally Re-Programmable (LT3582) Via I2C for:
Output Voltages
Power Sequencing
Output Voltage Ramp Rates
n Power-up Defaults Settable with Non-volatile OTP
(LT3582)
n I2C Compatible Interface (Standard Mode*)
n All Power Switches Integrated
350mA Current Limit (Boost)
600mA Current Limit (Inverting)
n All Feedback Resistors Integrated
n Input Voltage Range: 2.55V to 5.5V
n Low Quiescent Current
325μA in Active Mode
0.01μA in Shutdown Mode
n Integrated Output Disconnect
n Tiny 16-pin 3mm × 3mm QFN Package
n AMOLED Power
n CCD Power
n General Purpose DC/DC Conversion
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Efficiency and Power Loss
LT3582
VIN
SWP
CAPP
VNEG
–12V
85mA
CAPP
VPP
SDA
SCL
CA
GND
SWN
SWN
VOUTN
I2C
INTERFACE
VOUTP
SHDN
INPUT
4.5V TO 5.5V
VPOS
12V
80mA
6.8μH
10μF
10nF
10nF
RAMPN
RAMPP
4.7μF
4.7μF
1μF
6.8μH
3582512 TA01a
OPTIONAL ON
LT3582-5/LT3582-12
()
* Input thresholds are reduced to allow communication with low voltage digital ICs.
(See Electrical Characteristics).
**Patent Pending
LOAD CURRENT (mA)
0.1
35
45
350
300
250
200
150
100
50
0
55
65
75
85
95
1
10
100
3582512 TA01b
VOUTP
VOUTN


Similar Part No. - LT3582EUDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-12 LINER-LT3582-12 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
More results

Similar Description - LT3582EUDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
logo
Torex Semiconductor
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com