Electronic Components Datasheet Search
  English  ▼

X  

LT3582EUDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3582EUDPBF
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582EUDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3582EUDPBF Datasheet HTML 2Page - Linear Technology LT3582EUDPBF Datasheet HTML 3Page - Linear Technology LT3582EUDPBF Datasheet HTML 4Page - Linear Technology LT3582EUDPBF Datasheet HTML 5Page - Linear Technology LT3582EUDPBF Datasheet HTML 6Page - Linear Technology LT3582EUDPBF Datasheet HTML 7Page - Linear Technology LT3582EUDPBF Datasheet HTML 8Page - Linear Technology LT3582EUDPBF Datasheet HTML 9Page - Linear Technology LT3582EUDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3582/LT3582-5/LT3582-12
6
3582512f
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequencies (Figure 13)
Load Regulation (Figure 13)
Output Voltage (Figure 13)
Quiescent Current – Not Switching
Switch Resistance
Switch Current Limit
VOUTP and VOUTN Pin Current
During Normal Operation
Output Disconnect PMOS Current
Limit During Normal Operation
Output Disconnect PMOS
On-Resistance
TA = 25°C unless otherwise noted.
LOAD CURRENT (mA)
0
2040
6080
10
100
1000
10000
100
3582512 G01
VOUTP
VOUTN
LOAD CURRENT (mA)
0
2040
6080
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
100
3582512 G02
VOUTP
VOUTN
TEMPERATURE (°C)
–50
–25
0
50
25
75
100
–0.45
–0.30
–0.15
0
0.15
0.30
0.45
125
3582512 G03
VOUTP
VOUTN
VIN (V)
2.5
3
3.5
4.5
4
5
5.5
250
270
290
310
330
350
370
390
3582512 G04
INPUT VOLTAGE (V)
2.5
3
3.5
4.5
4
5
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
O.7
3582512 G05
VOUTN
VOUTP
TEMPERATURE (°C)
–50
–25
0
50
25
75
125
100
200
300
400
500
600
700
3582512 G06
SWN
SWP
|VOUT| (V)
0
2.5
5
10
7.5
12.5
15
–20
–40
–60
–80
–100
0
20
40
60
80
3582512 G07
CURRENT OUT
OF VOUTN PIN
CURRENT INTO
VOUTP PIN
VP CODE
SET TO 5V
VP CODE
SET TO 12V
VN CODE
SET TO –5V
VN CODE
SET TO –12V
TEMPERATURE (°C)
–50
–25
0
50
25
75
100
125
120
100
140
160
180
200
3582512 G08
VCAPP (V)
24
8
610
12
0.5
0
1
1.5
2
2.5
3582512 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com