Electronic Components Datasheet Search
  English  ▼

X  

C1888CT Datasheet(PDF) 2 Page - Texas Instruments

Part # C1888CT
Description  Off-line Power Supply Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C1888CT Datasheet(HTML) 2 Page - Texas Instruments

  C1888CT Datasheet HTML 1Page - Texas Instruments C1888CT Datasheet HTML 2Page - Texas Instruments C1888CT Datasheet HTML 3Page - Texas Instruments C1888CT Datasheet HTML 4Page - Texas Instruments C1888CT Datasheet HTML 5Page - Texas Instruments C1888CT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UCC1888
UCC2888
UCC3888
OPERATION (cont.)
At the end of the on time, Q1 is turned off and the current
through RON is again diverted to VCC. Thus the current
through RON, which charges CT during the on time, con-
tributes to supplying power to the chip during the off time.
The power switch off time is controlled by the discharge
of CT which, in turn, is programmed by the regulated out-
put voltage. The relationship between CT discharge cur-
rent, IDCHG, and output voltage is illustrated as follows:
Region 1. When VOUT = 0, the off time is infinite. This
feature provides inherent short circuit protec-
tion. However, to ensure output voltage
startup when the output is not a short, a high
value resistor, RS, is placed in parallel with CT
to establish a minimum switching frequency.
Region 2. As VOUT rises above approximately 0.7V to its
regulated value, IDCHG is defined by ROFF,
and is equal to:
IDCHG = (VOUT - 0.7V) / ROFF
As VOUT increases, IDCHG increases reducing off time.
The operating frequency increases and VOUT rises
quickly to its regulated value.
Region 3. In this region, a transconductance amplifier re-
duces IDCHG in order to maintain a regulated
VOUT.
Region 4. If VOUT should rise above its regulation range,
IDCHG falls to zero and the circuit returns to
the minimum frequency established by RS and
CT.
The range of switching frequencies is established by
RON, ROFF, RS, and CT as follows:
Frequency = 1/(TON + TOFF)
TON = RON
• CT • 4.6 V/(VIN - 4.5V)
TOFF (max) = 1.4
• RS • CT
Regions 1 and 4
TOFF = ROFF
• CT • 3.7V /(VOUT - 0.7V)
Region 2, excluding the effects of RS
which have a minimal impact on TOFF.
The above equations assume that VCC equals 9V. The
voltage at TON increases from approximately 2.5V to
6.5V while CT is charging. To take this into account, VIN
is adjusted by 4.5V in the calculation of TON. The voltage
at TOFF is approximately 0.7V.
DESIGN EXAMPLE
The UCC3888 regulates a 5 volt, 1 Watt nonisolated DC output from AC inputs between 80 and 265 volts. In this ex-
ample, the IC is programmed to deliver a maximum on time gate drive pulse width of 2.2 microseconds which occurs
at 80 VAC. The corresponding switching frequency is approximately 100kHz at low line, and overall efficiency is ap-
proximately 50%. Additional design information is available in Unitrode Application Note U-149.
UDG-96014
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com