Electronic Components Datasheet Search
  English  ▼

X  

C1888CT Datasheet(PDF) 3 Page - Texas Instruments

Part # C1888CT
Description  Off-line Power Supply Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C1888CT Datasheet(HTML) 3 Page - Texas Instruments

  C1888CT Datasheet HTML 1Page - Texas Instruments C1888CT Datasheet HTML 2Page - Texas Instruments C1888CT Datasheet HTML 3Page - Texas Instruments C1888CT Datasheet HTML 4Page - Texas Instruments C1888CT Datasheet HTML 5Page - Texas Instruments C1888CT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
General
VCC Zener Voltage
ICC < 1.5mA
8.6
9.0
9.3
V
Startup Current
VOUT = 0
150
250
µA
Operating Current I(VCC)VCC = VCC(zener) – 100mV, F = 150kHz
1.2
2.5
mA
Under-Voltage-Lockout
Start Threshold
VOUT = 0
8.0
8.4
8.8
V
Minimum Operating Voltage after Start
VOUT = 0
6.0
6.3
6.6
V
Hysteresis
VOUT = 0
1.8
V
Oscillator
Amplitude
VCC = 9V
3.5
3.7
3.9
V
CT to DRIVE high Propagation Delay
Overdrive = 0.2V
100
200
ns
CT to DRIVE low Propagation Delay
Overdrive = 0.2V
50
100
ns
Driver
VOL
I = 20mA, VCC = 9V
0.15
0.4
V
I = 100mA, VCC = 9V
0.7
1.8
V
VOH
I =
−20mA, VCC = 9V
8.5
8.8
V
I =
−100mA, VCC = 9V
6.1
7.8
V
Rise Time
CLOAD = 1nF
35
70
ns
Fall Time
CLOAD = 1nF
30
60
ns
Line Voltage Detection
Charge Coefficient: ICHG / I(TON)
VCT = 3V, DRIVE = High, I(TON) = 1mA
0.73
0.79
0.85
Minimum Line Voltage for Fault
RON = 330k
60
80
100
V
Minimum Current I(TON) for Fault
RON = 330k
220
µA
On Time During Fault
CT = 150pF, VLINE = Min
− 1V
2
µs
Oscillator Restart Delay after Fault
0.5
ms
VOUT Error Amp
VOUT Regulated 5V (ADJ Open)
VCC = 9V, IDCHG = I(TOFF)/2
4.5
5.0
5.5
V
Discharge Ratio: IDCHG / I(TOFF)I(TOFF) = 50
µA
0.95
1.01
1.07
Voltage at TOFF
I(TOFF) = 50
µA
0.6
0.95
1.3
V
Regulation gm (Note 1)
Max IDCHG = 50
µA2.4
mA/V
Max IDCHG = 125
µA
1.9
4.1
7.0
mA/V
Unless otherwise stated, these specifications hold for TA = 0
°C to 70°C for the
UCC3888, -40
°C to +85°C for the UCC2888, and -55°C to +125°C for the UCC1888.
No load at DRIVE pin (CLOAD=0).
ELECTRICAL CHARACTERISTICS
DIL-8, SOIC-8 (Top View)
N or J, D Package
CONNECTION DIAGRAM
ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Current into TON Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5mA
Voltage on VOUT Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Current into TOFF Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
µA
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Note: Unless otherwise indicated, voltages are referenced to
ground and currents are positive into, negative out of, the speci-
fied terminals.
ABSOLUTE MAXIMUM RATINGS
UCC1888
UCC2888
UCC3888
Note 1: gm is defined as
∆IDCHG
∆VOUT
for the values of VOUT when VOUT is in regulation. The two points used to calculate gm are for
IDCHG at 65% and 35% of its maximum value.
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com