Electronic Components Datasheet Search
  English  ▼

X  

LT3758IDDPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3758IDDPBF
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758IDDPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3758IDDPBF Datasheet HTML 1Page - Linear Technology LT3758IDDPBF Datasheet HTML 2Page - Linear Technology LT3758IDDPBF Datasheet HTML 3Page - Linear Technology LT3758IDDPBF Datasheet HTML 4Page - Linear Technology LT3758IDDPBF Datasheet HTML 5Page - Linear Technology LT3758IDDPBF Datasheet HTML 6Page - Linear Technology LT3758IDDPBF Datasheet HTML 7Page - Linear Technology LT3758IDDPBF Datasheet HTML 8Page - Linear Technology LT3758IDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LT3758
1
3758f
n
Wide Input Voltage Range: 5.5V to 100V
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Current Mode Control Provides Excellent Transient
Response
n
Programmable Operating Frequency (100kHz to
1MHz) with One External Resistor
n
Synchronizeable to an External Clock
n
Output Overvoltage Protection
n
Low Shutdown Current < 1μA
n
Internal 7.2V Low Dropout Voltage Regulator
n
Programmable Input Undervoltage Lockout with
Hysteresis
n
Programmable Soft-Start
n
Small 10-Lead DFN (3mm
× 3mm) and
MSOPE Packages
TYPICAL APPLICATION
DESCRIPTION
High Input Voltage,
Boost, Flyback, SEPIC and
Inverting Controller
The LT
®3758 is a wide input range, current mode, DC/DC
controller which is capable of generating either positive or
negative output voltages. It can be configured as either a
boost, flyback, SEPIC or inverting converter. The LT3758
drives a low side external N-channel power MOSFET from
an internal regulated 7.2V supply. The fixed frequency,
current-mode architecture results in stable operation over
a wide range of supply and output voltages.
The operating frequency of LT3758 can be set with an
external resistor over a 100kHz to 1MHz range, and can
be synchronized to an external clock using the SYNC pin.
A minimum operating supply voltage of 5.5V, and a low
shutdown quiescent current of less than 1μA, make the
LT3758 ideally suited for battery-powered systems.
The LT3758 features soft-start and frequency foldback
functions to limit inductor current during start-up and
output short-circuit.
The device is available in a small 10-lead DFN (3mm
× 3mm)
or MSOPE package.
12V Output Nonisolated Flyback Power Supply
FEATURES
APPLICATIONS
n
Automotive
n
Telecom
n
Industrial
SENSE
LT3758
VIN
DSN
VIN
36V TO
72V
CIN
2.2μF
100V
X7R
63.4k
200kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
0.022μF
100V
T1
1,2,3
(SERIES)
4,5,6
(PARALLEL)
1M
44.2k
0.47μF
100pF
10k
10nF
0.030Ω
15.8k
1%
105k
1%
CVCC
4.7μF
10V
X5R
VOUT
12V
1.2A
3758 TA01
COUT
47μF
X5R
6.2k
D1
SW
M1
5.1Ω
1N4148
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Patents pending.


Similar Part No. - LT3758IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3758 LINER-LT3758 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3758 LINER-LT3758 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3758 LINER-LT3758 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LT3758 LINER-LT3758 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LT3758IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com