Electronic Components Datasheet Search
  English  ▼

X  

LT3758IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3758IDDPBF
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3758IDDPBF Datasheet HTML 2Page - Linear Technology LT3758IDDPBF Datasheet HTML 3Page - Linear Technology LT3758IDDPBF Datasheet HTML 4Page - Linear Technology LT3758IDDPBF Datasheet HTML 5Page - Linear Technology LT3758IDDPBF Datasheet HTML 6Page - Linear Technology LT3758IDDPBF Datasheet HTML 7Page - Linear Technology LT3758IDDPBF Datasheet HTML 8Page - Linear Technology LT3758IDDPBF Datasheet HTML 9Page - Linear Technology LT3758IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LT3758
6
3758f
Switching Frequency
vs Temperature
SENSE Current Limit Threshold
vs Temperature
SENSE Current Limit Threshold
vs Duty Cycle
SHDN/UVLO Threshold
vs Temperature
SHDN/UVLO Current vs Voltage
SHDN/UVLO Hysteresis Current
vs Temperature
TEMPERATURE (°C)
–50
95
105
110
115
120
0
50
75
100
–25
25
100
125
3758 G08
DUTY CYCLE (%)
0
95
105
20
40
80
60
115
100
110
100
3758 G09
SHDN/UVLO VOLTAGE (V)
0
0
20
20
60
40
80
40
50
10
30
100
3758 G11
TEMPERATURE (°C)
–50
1.6
1.8
2.0
2.2
2.4
0
50
75
–25
25
100
125
3758 G12
TEMPERATURE (°C)
–50
275
280
285
290
295
300
305
310
325
–25
025
75
50
3758 G07
100
125
315
320
RT = 41.2k
TEMPERATURE (°C)
–50
1.18
1.22
1.24
1.28
0
50
75
1.20
–25
25
100
125
1.26
3758 G10
SHDN/UVLO RISING
SHDN/UVLO FALLING
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com