Electronic Components Datasheet Search
  English  ▼

X  

STAR1000SP Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STAR1000SP
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000SP Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STAR1000SP Datasheet HTML 6Page - Cypress Semiconductor STAR1000SP Datasheet HTML 7Page - Cypress Semiconductor STAR1000SP Datasheet HTML 8Page - Cypress Semiconductor STAR1000SP Datasheet HTML 9Page - Cypress Semiconductor STAR1000SP Datasheet HTML 10Page - Cypress Semiconductor STAR1000SP Datasheet HTML 11Page - Cypress Semiconductor STAR1000SP Datasheet HTML 12Page - Cypress Semiconductor STAR1000SP Datasheet HTML 13Page - Cypress Semiconductor STAR1000SP Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 10 of 21
Pixel Read Out Timing
Figure 6 on page 11 shows the timing of the pixel readout
sequence. The external digital controller presents a column
address that is latched by the rising edge of the LD_X pulse. After
decoding the X- address the column selection is clocked in the
X- register by CLK-X. The output amplifier uses the same pulse
to subtract the pixel output level from the pixel reset level and the
signal level. This causes a pipeline effect such that the analog
output of the first pixel is effectively present at the device output
terminal at the third rising edge of the X-CLK signal.
The ADC conversion starts at the falling edge of the CLK-ADC
signal and produces a valid digital output 20 ns after this edge.
The timing constraints are given in Table 7 on page 11
Important note: The values of the X shift-register tend to leak
away after a while. Therefore, it is very important to keep the
CLK_X signal asserted for as long as the sensor is powered up.
If the sensor sits idle and CLK_X is not asserted, the leakage of
the X shift-register causeq multiple columns to be selected at
once. This forces high current through the sensor and may cause
damage.
e1.6
μs
Delay between falling edge of reset and falling edge of R.
f
0
100 ns
Minimum delay between falling edge on LD_Y and rising edge of reset.
g
g
Minimum required extension of Y- address after falling edge of reset pulse.
h
100 ns
200 ns
Position of cal pulse after rising edge of S.
The cal pulse must only be given once per frame.
i
100 ns
1
μs
Duration of cal pulse.
k
10 ns
Address set up time.
l
20 ns
Load register value.
m
10 ns
Address stable after load.
Table 6. Timing Constraints of Line Sequence
Symbol
Min
Typ
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com