Electronic Components Datasheet Search
  English  ▼

X  

STK15C88 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # STK15C88
Description  256 Kbit (32K x 8) PowerStore nvSRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button STK15C88 Datasheet HTML 7Page - Cypress Semiconductor STK15C88 Datasheet HTML 8Page - Cypress Semiconductor STK15C88 Datasheet HTML 9Page - Cypress Semiconductor STK15C88 Datasheet HTML 10Page - Cypress Semiconductor STK15C88 Datasheet HTML 11Page - Cypress Semiconductor STK15C88 Datasheet HTML 12Page - Cypress Semiconductor STK15C88 Datasheet HTML 13Page - Cypress Semiconductor STK15C88 Datasheet HTML 14Page - Cypress Semiconductor STK15C88 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STK15C88
Document Number: 001-50593 Rev. **
Page 13 of 15
Package Diagrams
Figure 11. 28-Pin (300 mil) SOIC (51-85026)
51 85127 *A
PIN 1 ID
0.291[7.39]
0.300[7.62]
0.394[10.01]
0.419[10.64]
0.050[1.27]
TYP.
0.092[2.33]
0.105[2.67]
0.004[0.10]
0.0118[0.30]
SEATING PLANE
0.0091[0.23]
0.0125[3.17]
0.015[0.38]
0.050[1.27]
0.013[0.33]
0.019[0.48]
0.026[0.66]
0.032[0.81]
0.697[17.70]
0.713[18.11]
0.004[0.10]
1
14
15
28
*
*
*
PART #
S28.3 STANDARD PKG.
SZ28.3 LEAD FREE PKG.
MIN.
MAX.
NOTE :
1. JEDEC STD REF MO-119
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH,BUT
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.010 in (0.254 mm) PER SIDE
3. DIMENSIONS IN INCHES
4. PACKAGE WEIGHT 0.85gms
DOES INCLUDE MOLD MISMATCH AND ARE MEASURED AT THE MOLD PARTING LINE.
51-85026-*D
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com