Electronic Components Datasheet Search
  English  ▼

X  

STK15C88 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STK15C88
Description  256 Kbit (32K x 8) PowerStore nvSRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88 Datasheet(HTML) 2 Page - Cypress Semiconductor

  STK15C88 Datasheet HTML 1Page - Cypress Semiconductor STK15C88 Datasheet HTML 2Page - Cypress Semiconductor STK15C88 Datasheet HTML 3Page - Cypress Semiconductor STK15C88 Datasheet HTML 4Page - Cypress Semiconductor STK15C88 Datasheet HTML 5Page - Cypress Semiconductor STK15C88 Datasheet HTML 6Page - Cypress Semiconductor STK15C88 Datasheet HTML 7Page - Cypress Semiconductor STK15C88 Datasheet HTML 8Page - Cypress Semiconductor STK15C88 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STK15C88
Document Number: 001-50593 Rev. **
Page 2 of 15
Pin Configurations
Figure 1. Pin Diagram - 28-Pin SOIC
Table 1. Pin Definitions - 28-Pin SOIC
Pin Name
Alt
IO Type
Description
A0–A14
Input
Address Inputs. Used to select one of the 32,768 bytes of the nvSRAM.
DQ0-DQ7
Input or
Output
Bidirectional Data IO lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the
IO pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the
chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers
during read cycles. Deasserting OE HIGH causes the IO pins to tri-state.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com