Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4012
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4012 Datasheet HTML 20Page - Linear Technology LTC4012 Datasheet HTML 21Page - Linear Technology LTC4012 Datasheet HTML 22Page - Linear Technology LTC4012 Datasheet HTML 23Page - Linear Technology LTC4012 Datasheet HTML 24Page - Linear Technology LTC4012 Datasheet HTML 25Page - Linear Technology LTC4012 Datasheet HTML 26Page - Linear Technology LTC4012 Datasheet HTML 27Page - Linear Technology LTC4012 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
24
4012f
Figure 12. High Speed Switching Path
4012 F12
VBAT
L1
RSENSE
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
ANALOG
GROUND
SYSTEM
GROUND
SWITCH NODE
CIN
SWITCHING GROUND
COUT
VIN
GND
D1
+
The LTC4012 can be soft-started with the compensation
capacitor on the ITH pin. At start-up, ITH will quickly rise
to about 0.25V, then ramp up at a rate set by the com-
pensation capacitor and the 40μA ITH bias current. The
full programmed charge current will be reached when ITH
reaches approximately 2V. With a 0.1μF capacitor, the time
to reach full charge current is usually greater than 1.5ms.
This capacitor can be increased if longer start-up times
are required, but loop bandwidth and dynamic response
will be reduced.
INTVDD Regulator Output
Bypass the INTVDD regulator output to GND with a low
ESR X5R or X7R ceramic capacitor with a value of 0.47μF
or larger. The capacitor used to build the BOOST supply
(C2 in Figure 11) can serve as this bypass. Do not draw
more than 30mA from this regulator for the host system,
governed by IC power dissipation.
Calculating IC Power Dissipation
The user should ensure that the maximum rated junction
temperature is not exceeded under all operating conditions.
The thermal resistance of the LTC4012 package (
θJA) is
37°C/W, provided the Exposed Pad is in good thermal
contact with the PCB. The actual thermal resistance in the
application will depend on forced air cooling and other heat
sinking means, especially the amount of copper on the PCB
to which the LTC4012 is attached. The following formula
may be used to estimate the maximum average power dis-
sipation PD (in watts) of the LTC4012, which is dependent
upon the gate charge of the external MOSFETs. This gate
charge, which is a function of both gate and drain voltage
swings, is determined from specifications or graphs in the
manufacturer’s data sheet. For the equation below, find the
gate charge for each transistor assuming 5V gate swing and
a drain voltage swing equal to the maximum VCLP voltage.
Maximum LTC4012 power dissipation under normal op-
erating conditions is then given by:
PD = DCIN(3mA + IDD + 665kHz(QTGATE + QBGATE))
– 5IDD
APPLICATIONS INFORMATION
where:
IDD = Average external INTVDD load current, if any
QTGATE = Gate charge of external top FET in Coulombs
QBGATE = Gate charge of external bottom FET in
Coulombs
PCB Layout Considerations
To prevent magnetic and electrical field radiation and
high frequency resonant problems, proper layout of the
components connected to the LTC4012 is essential. Refer
to Figure 12. For maximum efficiency, the switch node
rise and fall times should be minimized. The following
PCB design priority list will help insure proper topology.
Layout the PCB using this specific order.
1. Input capacitors should be placed as close as possible
to switching FET supply and ground connections with
the shortest copper traces possible. The switching
FETs must be on the same layer of copper as the input
capacitors. Vias should not be used to make these
connections.
2. Place the LTC4012 close to the switching FET gate
terminals, keeping the connecting traces short to
produce clean drive signals. This rule also applies to IC
supply and ground pins that connect to the switching
FET source pins. The IC can be placed on the opposite
side of the PCB from the switching FETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com