Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4012
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4012 Datasheet HTML 20Page - Linear Technology LTC4012 Datasheet HTML 21Page - Linear Technology LTC4012 Datasheet HTML 22Page - Linear Technology LTC4012 Datasheet HTML 23Page - Linear Technology LTC4012 Datasheet HTML 24Page - Linear Technology LTC4012 Datasheet HTML 25Page - Linear Technology LTC4012 Datasheet HTML 26Page - Linear Technology LTC4012 Datasheet HTML 27Page - Linear Technology LTC4012 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
4012f
LTC4012/
LTC4012-1/LTC4012-2
3. Place the inductor input as close as possible to the
switching FETs. Minimize the surface area of the switch
node. Make the trace width the minimum needed to
support the programmed charge current. Use no cop-
per fills or pours. Avoid running the connection on
multiple copper layers in parallel. Minimize capacitance
from the switch node to any other trace or plane.
4. Place the charge current sense resistor immediately
adjacent to the inductor output, and orient it such
that current sense traces to the LTC4012 are not long.
These feedback traces need to be run together as a
single pair with the smallest spacing possible on any
given layer on which they are routed. Locate any filter
component on these traces next to the LTC4012, and
not at the sense resistor location.
5. Place output capacitors adjacent to the sense resisitor
output and ground.
6. Output capacitor ground connections must feed into
the same copper that connects to the input capacitor
ground before connecting back to system ground.
7. Connection of switching ground to system ground,
or any internal ground plane, should be single-point.
If the system has an internal system ground plane,
a good way to do this is to cluster vias into a single
star point to make the connection.
8. Route analog ground as a trace tied back to the LTC4012
GND paddle before connecting to any other ground.
Avoid using the system ground plane. A useful CAD
technique is to make analog ground a separate ground
net and use a 0
Ω resistor to connect analog ground
to system ground.
9. A good rule of thumb for via count in a given high
current path is to use 0.5A per via. Be consistent when
applying this rule.
10. If possible, place all the parts listed above on the same
PCB layer.
11. Copper fills or pours are good for all power connections
except as noted above in Rule 3. Copper planes on
multiple layers can also be used in parallel. This helps
with thermal management and lowers trace inductance,
which further improves EMI performance.
12. For best current programming accuracy, provide a
Kelvin connection from RSENSE to CSP and CSN. See
Figure 13 for an example.
13. It is important to minimize parasitic capacitance on
the CSP and CSN pins. The traces connecting these
pins to their respective resistors should be as short
as possible.
APPLICATIONS INFORMATION
Figure 13. Kelvin Sensing of Charge Current
TO CSP
RIN
4012 F13
DIRECTION OF CHARGING CURRENT
RSENSE
TO CSN
RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com