Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4160
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 3Page - Linear Technology LTC4160 Datasheet HTML 4Page - Linear Technology LTC4160 Datasheet HTML 5Page - Linear Technology LTC4160 Datasheet HTML 6Page - Linear Technology LTC4160 Datasheet HTML 7Page - Linear Technology LTC4160 Datasheet HTML 8Page - Linear Technology LTC4160 Datasheet HTML 9Page - Linear Technology LTC4160 Datasheet HTML 10Page - Linear Technology LTC4160 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4160/LTC4160-1
7
41601f
TYPICAL PERFORMANCE CHARACTERISTICS
Battery Drain Current vs
Battery Voltage
Battery Charge Current vs
Temperature
Normalized Battery Charger Float
Voltage vs Temperature
VBUS Quiescent Current vs
Temperature
VBUS Quiescent Current in
Suspend vs Temperature
Battery Drain Current vs
Temperature
VBUS Quiescent Current vs
VBUS Voltage (Suspend)
VOUT Voltage vs Load Current in
Suspend
VBUS Current vs Load Current in
Suspend
TA = 25°C, unless otherwise noted.
BUS VOLTAGE (V)
0
0
10
20
30
40
50
60
1234
41601 G16
6
5
BAT = 3.8V
LOAD CURRENT (mA)
0
4.0
4.5
5.0
0.4
41601 G17
3.5
3.0
2.5
0.1
0.2
0.3
0.5
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
LOAD CURRENT (mA)
41601 G18
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
0
0.5
0.4
0.3
0.2
0.1
0.4
0
0.1
0.2
0.3
0.5
BATTERY VOLTAGE (V)
2.7
7
8
9
3.9
41601 G19
6
5
3.0
3.3
3.6
4.2
4
3
2
1
0
IVOUT = 0mA
VBUS = 0V
VBUS = 5V
(SUSPEND MODE)
TEMPERATURE (°C)
–40
0.998
0.999
1.000
60
41601 G21
0.997
0.996
–15
10
35
85
1.001
TEMPERATURE (°C)
–40
15
20
25
60
41601 G22
10
5
0
–15
10
35
85
VBUS = 5V
5x MODE
1x MODE
TEMPERATURE (°C)
–40
0
10
20
30
40
50
70
60
–15
10
35
60
41601 G23
85
VBUS = 5V
TEMPERATURE (°C)
–40
8
12
60
41601 G24
6
4
–15
10
35
85
10
2
0
BAT = 3.8V
VBUS = 0V
TEMPERATURE (°C)
–40
0
100
200
300
400
040
80
120
41601 G20
500
600
–20
20
60
100
THERMAL REGULATION
RPROG = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com