Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4160
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 5 Page - Linear Technology

  LTC4160 Datasheet HTML 1Page - Linear Technology LTC4160 Datasheet HTML 2Page - Linear Technology LTC4160 Datasheet HTML 3Page - Linear Technology LTC4160 Datasheet HTML 4Page - Linear Technology LTC4160 Datasheet HTML 5Page - Linear Technology LTC4160 Datasheet HTML 6Page - Linear Technology LTC4160 Datasheet HTML 7Page - Linear Technology LTC4160 Datasheet HTML 8Page - Linear Technology LTC4160 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4160/LTC4160-1
5
41601f
TYPICAL PERFORMANCE CHARACTERISTICS
USB Limited Load Current vs Battery
Voltage (Battery Charger Disabled)
USB Limited Load Current vs Battery
Voltage (Battery Charger Disabled)
Battery and VBUS Currents vs
Load Current
USB Limited Battery Charge
Current vs Battery Voltage
USB Limited Battery Charge
Current vs Battery Voltage
Battery and VBUS Currents
vs Load Current
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4160E/LTC4160E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The LTC4160E/LTC4160E-1 include overtemperature protection
that is intended to protect the device during momentary overload
conditions. Junction temperature will exceed 125°C when overtemperature
protection is active. Continuous operation above the specified maximum
operating junction temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Note 4: Total input current is the sum of quiescent current, IVBUSQ, and
measured current given by VCLPROG/RCLPROG • (hCLPROG + 1).
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation or failure.
Note 6: The bidirectional switcher’s supply current is bootstrapped to
VBUS and in the application will reflect back to VOUT by (VBUS/VOUT) •
1/efficiency. Total quiescent current is the sum of the current into the VOUT
pin plus the reflected current.
Note 7: hC/10 is expressed as a fraction of the measured full charge current
with indicated PROG resistor.
BATTERY VOLTAGE (V)
2.7
0
100
300
400
500
3.3
3.9
4.2
900
41601 G01
200
3.0
3.6
600
700
800
VBUS = 5V
5x MODE
LOAD CURRENT (mA)
0
250
500
750
800
41601 G03
0
–250
–500
200
400
600
1000
VBUS CURRENT
BATTERY CURRENT
(CHARGING)
VBUS = 5V
BAT = 3.8V
5x MODE
RCLPROG = 3.01k
RPROG = 1k
BATTERY CURRENT
(DISCHARGING)
BATTERY VOLTAGE (V)
2.7
0
20
60
80
100
3.3
3.9
4.2
160
41601 G02
40
3.0
3.6
120
140
VBUS = 5V
1x MODE
BATTERY VOLTAGE (V)
2.7
0
100
300
400
500
3.3
3.9
4.2
700
41601 G04
200
3.0
3.6
600
VBUS = 5V
5x MODE
RPROG = 1k
BATTERY VOLTAGE (V)
2.7
3.3
3.9
4.2
41601 G05
3.0
3.6
VBUS = 5V
1x MODE
RPROG = 1k
0
20
60
80
100
140
40
120
LOAD CURRENT (mA)
0
250
500
1000
750
41601 G06
0
–250
–500
250
500
750
1500
1250
1000
VBUS CURRENT
BATTERY CURRENT
(CHARGING)
VBUS = 5V
BAT = 3.8V
10x MODE
RCLPROG = 3.01k
RPROG = 2k
BATTERY CURRENT
(DISCHARGING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com