Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4609
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 4Page - Linear Technology LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4609
8
4609fa
SIMPLIFIED BLOCK DIAGRAM
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 36V, VOUT = 12V)
IOUT = 4A
10
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 36V, VOUT = 12V)
IOUT = 4A
200
300
μF
TA = 25°C. Use Figure 1 configuration.
DECOUPLING REQUIREMENTS
EXTVCC
INTVCC
PGOOD
PLLIN
RUN
ON/OFF
STBYMD
M1
4609 BD
SW2
4.5V TO 36V
SW1
L
VIN
CIN
CONTROLLER
C1
100k
0.1μF
FCB
SGND
TO PGND PLANE AS
SHOWN IN FIGURE 15
1000pF
SS
SS
0.1μF
M2
COMP
M3
12V
4A
VFB
RSENSE
VOUT
COUT
CO1
M4
100k
RFB
7.15k
RSENSE
INT
COMP
PLLFLTR
INT
FILTER
INT
FILTER
PGND
SENSE–
SENSE+
Figure 1. Simplified LTM4609 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com