Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4609
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 2Page - Linear Technology LTM4609 Datasheet HTML 3Page - Linear Technology LTM4609 Datasheet HTML 4Page - Linear Technology LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4609
6
4609fa
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with 6VIN to 12VOUT at
IOUT = 4A
Start-Up with 32VIN to 12VOUT at
IOUT = 5A
Short Circuit with 6VIN to 12VOUT
at IOUT = 4A
Short Circuit with 32VIN to 12VOUT
at IOUT = 5A
Transient Response from
32VIN to 12VOUT
Short Circuit with 12VIN to 34VOUT
at IOUT = 2A
LOAD STEP: 0A TO 5A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 12mΩ SENSING RESISTORS
200μs/DIV
VOUT
100mV/DIV
IOUT
2A/DIV
4609 G10
0.1μF SOFT-START CAP
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 12mΩ SENSING RESISTORS
50ms/DIV
VOUT
10V/DIV
IIN
5A/DIV
IL
5A/DIV
4609 G11
0.1μF SOFT-START CAP
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 12mΩ SENSING RESISTORS
10ms/DIV
VOUT
10V/DIV
IIN
2A/DIV
IL
5A/DIV
4609 G12
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 12mΩ SENSING RESISTORS
50μs/DIV
4609 G13
IIN
5A/DIV
VOUT
5V/DIV
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 12mΩ SENSING RESISTORS
50μs/DIV
4609 G14
VOUT
5V/DIV
IIN
2A/DIV
OUTPUT CAPS: 2x 10μF 50V CERAMIC CAPS AND
2x 47μF 50V ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
20μs/DIV
4607 G15
IIN
5A/DIV
VOUT
10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com