Electronic Components Datasheet Search
  English  ▼

X  

LTM4614 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4614
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4614 Datasheet HTML 3Page - Linear Technology LTM4614 Datasheet HTML 4Page - Linear Technology LTM4614 Datasheet HTML 5Page - Linear Technology LTM4614 Datasheet HTML 6Page - Linear Technology LTM4614 Datasheet HTML 7Page - Linear Technology LTM4614 Datasheet HTML 8Page - Linear Technology LTM4614 Datasheet HTML 9Page - Linear Technology LTM4614 Datasheet HTML 10Page - Linear Technology LTM4614 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM4614
7
4614fa
SIMPLIFIED BLOCK DIAGRAM
Figure 1. Simplified LTM4614 Block Diagram of Each Switching Regulator Channel
DECOUPLING REQUIREMENTS T
A = 25°C. Use Figure 1 configuration for each channel.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
22
μF
COUT
External Output Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
66
100
μF
VIN
2.375V TO 5.5V
CSS
1000pF
CSSEXT
5.76k
RFB
5.76k
TRACK
SUPPLY
4.99k
C2
470pF
4.7μF
6.3V
4.7μF
6.3V
100μF
X5R
VOUT
1.5V
4A
M1
L
M2
RSS
1M
PGOOD
RUN/SS
TRACK
COMP
FB
SW
VOUT
VIN
GND
4614 F01
R1
4.99k
CONTROL, DRIVE
POWER FETS
INTERNAL
COMP
22μF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com