Electronic Components Datasheet Search
  English  ▼

X  

LTM4614 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4614
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614 Datasheet(HTML) 1 Page - Linear Technology

  LTM4614 Datasheet HTML 1Page - Linear Technology LTM4614 Datasheet HTML 2Page - Linear Technology LTM4614 Datasheet HTML 3Page - Linear Technology LTM4614 Datasheet HTML 4Page - Linear Technology LTM4614 Datasheet HTML 5Page - Linear Technology LTM4614 Datasheet HTML 6Page - Linear Technology LTM4614 Datasheet HTML 7Page - Linear Technology LTM4614 Datasheet HTML 8Page - Linear Technology LTM4614 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM4614
1
4614fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 4A per Channel
Low VIN DC/DC
µModule Regulator
The LTM
®4614 is a complete 4A dual output switching
mode DC/DC power supply. Included in the package are
the switching controllers, power FETs, inductors and all
support components. The dual 4A DC/DC converters
operate over an input voltage range of 2.375V to 5.5V.
The LTM4614 supports output voltages ranging from 0.8V
to 5V. The regulator output voltages are set by a single
resistor for each output. Only bulk input and output ca-
pacitors are needed to complete the design.
The low profile package (2.82mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation.
Additional features include overvoltage protection, foldback
overcurrentprotection,thermalshutdownandprogrammable
soft-start. The power module is offered in a space saving
and thermally enhanced 15mm
× 15mm × 2.82mm LGA
package. The LTM4614 is Pb-free and RoHS compliant.
Different Combinations of Input and Output Voltages
NUMBER OF INPUTS
NUMBER OF OUTPUTS
IOUT(MAX)
2
2
4A, 4A
2 (Current Share,
Ex. 3.3V and 5V)
18A
1
2
4A, 4A
1
1
8A, see LTM4608A
n Telecom and Networking Equipment
n FPGA Power
n SERDES and Other Low Noise Applications
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5481178, 6580258, 6304066, 6127815, 6498466,
6611131, 6724174.
n Dual 4A Output Power Supply
n Input Voltage Range: 2.375V to 5.5V
n 4A DC Typical, 5A Peak Output Current Each
n 0.8V Up to 5V Output Each, Parallelable
n ±2% Total DC Output Error (0°C ≤ TJ ≤ 125°C)
n Output Voltage Tracking
n Up to 95% Efficiency
n Programmable Soft-Start
n Short-Circuit and Overtemperature Protection
n Power Good Indicators
n Small and Very Low Profile Package:
15mm
× 15mm × 2.82mm
Efficiency vs Output Current
Dual Output 4A DC/DC μModule
® Regulator
4614 F01a
VIN1
VIN2
VOUT1
FB1
VOUT2
FB2
LTM4614
GND1
GND2
100μF
100μF
10μF
10μF
VOUT1
1.2V/4A
VOUT2
1.5V/4A
5.76k
10k
VIN1
3.3V TO 5V
VIN2
3.3V TO 5V
LOAD CURRENT (A)
0
83
85
87
4
4614 TA01b
81
79
75
1
2
3
77
91
89
VIN = 3.3V
VOUT
1.5V
VOUT
1.2V


Similar Part No. - LTM4614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4614 LINER-LTM4614 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4614 LINEAR_DIMENSIONS-LTM4614 Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4614 LINER-LTM4614 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4614 LINER-LTM4614 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4614 LINER-LTM4614 Datasheet
377Kb / 20P
Dual 4A per Channel Low VIN DC/DC Module Regulator
More results

Similar Description - LTM4614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
308Kb / 24P
Dual 8A per Channel Low VIN DC/DC 關Module
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616IVPBF LINEAR_DIMENSIONS-LTM4616IVPBF Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
Dual 8A per Channel Low VIN DC/DC Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com