Electronic Components Datasheet Search
  English  ▼

X  

LTM4619IV Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4619IV
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619IV Datasheet(HTML) 3 Page - Linear Technology

  LTM4619IV Datasheet HTML 1Page - Linear Technology LTM4619IV Datasheet HTML 2Page - Linear Technology LTM4619IV Datasheet HTML 3Page - Linear Technology LTM4619IV Datasheet HTML 4Page - Linear Technology LTM4619IV Datasheet HTML 5Page - Linear Technology LTM4619IV Datasheet HTML 6Page - Linear Technology LTM4619IV Datasheet HTML 7Page - Linear Technology LTM4619IV Datasheet HTML 8Page - Linear Technology LTM4619IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4619
3
4619f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application in Figure 18. Specified as
each channel (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10μF, COUT = 100μF, VOUT = 2.5V
VIN = 12V
0.25
A
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT1 = 2.5V, Switching Continuous
VIN = 12V, VOUT2 = 2.5V, Switching Continuous
VIN = 26.5V, VOUT1 = 2.5V, Switching Continuous
VIN = 26.5V, VOUT2 = 2.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 20V
30
30
40
40
40
mA
mA
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 2.5V, IOUT = 4A
VIN = 26.5V, VOUT = 2.5V, IOUT = 4A
0.97
0.480
A
A
INTVCC
Internal VCC Voltage
VIN = 12V, VRUN > 2V, No Load
4.8
5
5.2
V
EXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
Output Specifications
IOUT1, 2(DC)
Output Continuous Current Range VIN = 12V, VOUT = 2.5V (Note 5)
0
4
A
ΔVOUT1(LINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 2.5V, VIN from 6V to 26.5V
IOUT = 0A For Each Output
l
0.15
0.25
0.3
0.5
%
%
ΔVOUT2(LINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 2.5V, VIN from 6V to 26.5V
IOUT = 0A For Each Output
l
0.15
0.25
0.3
0.5
%
%
ΔVOUT1(LOAD)
VOUT1(NOM)
Load Regulation Accuracy
For Each Output, VOUT = 2.5V, 0A to 4A (Note 5)
VIN = 12V
l
0.6
0.8
±%
ΔVOUT2(LOAD)
VOUT2(NOM)
Load Regulation Accuracy
For Each Output, VOUT = 2.5V, 0A to 4A (Note 5)
VIN = 12V
l
0.6
0.8
±%
VOUT1, 2(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF X5R Ceramic
VIN = 12V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
20
25
mV
mV
fS
Output Ripple Voltage Frequency
IOUT = 2A, VIN = 12V, VOUT = 2.5V
FREQ/PLLFLTR = INTVCC
780
kHz
ΔVOUTSTART
Turn-On Overshoot
COUT = 100μF X5R Ceramic, VOUT = 2.5V, IOUT = 0A
VIN = 12V
VIN = 26.5V
10
10
mV
mV
tSTART
Turn-On Time
COUT = 100μF X5R Ceramic, VOUT = 2.5V, IOUT = 0A
Resistive Load,
VIN = 12V
VIN = 26.5V
0.250
0.130
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 100μF X5R Ceramic,VOUT = 2.5V, VIN = 12V
15
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load
COUT = 100μF X5R Ceramic,VOUT = 2.5V, VIN = 12V
10
μs
IOUTPK
Output Current Limit
COUT = 100μF X5R Ceramic,
VIN = 6V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
12
11
A
A
Control Section
VFB1, VFB2
Voltage at VFB Pin
IOUT = 0A, VOUT = 2.5V
l
0.792
0.788
0.8
0.8
0.808
0.810
V
ITK/SS1, 2
Soft-Start Charge Current
VTK/SS = 0V, VOUT = 2.5V
0.9
1.3
1.7
μA
DFMAX
Maximum Duty Factor
In Dropout (Note 4)
97
%
tON(MIN)
Minimum On-Time
(Note 4)
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com