Electronic Components Datasheet Search
  English  ▼

X  

LTM4619IV Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4619IV
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619IV Datasheet(HTML) 5 Page - Linear Technology

  LTM4619IV Datasheet HTML 1Page - Linear Technology LTM4619IV Datasheet HTML 2Page - Linear Technology LTM4619IV Datasheet HTML 3Page - Linear Technology LTM4619IV Datasheet HTML 4Page - Linear Technology LTM4619IV Datasheet HTML 5Page - Linear Technology LTM4619IV Datasheet HTML 6Page - Linear Technology LTM4619IV Datasheet HTML 7Page - Linear Technology LTM4619IV Datasheet HTML 8Page - Linear Technology LTM4619IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4619
5
4619f
TYPICAL PERFORMANCE CHARACTERISTICS
3.3V Output Transient Response
Start-Up, IOUT = 0A
Start-Up, IOUT = 4A
Short Circuit, IOUT = 0A
Short Circuit, IOUT = 4A
1.2V Output Transient Response
1.5V Output Transient Response
2.5V Output Transient Response
(Refer to Figures 18 and 19)
IOUT
1A/DIV
VOUT
50mV/DIV
100μs/DIV
4619 G04
6VIN 1.2VOUT AT 2A/μs LOAD STEP
f = 780kHz
COUT 2 22μF, 6.3V X5R CERAMIC
COUT 1 330μF, 6.3V SANYO POSCAP
IOUT
1A/DIV
VOUT
50mV/DIV
100μs/DIV
4619 G05
6VIN 1.5VOUT AT 2A/μs LOAD STEP
f = 780kHz
COUT 2 22μF, 6.3V X5R CERAMIC
COUT 1 330μF, 6.3V SANYO POSCAP
IOUT
1A/DIV
VOUT
50mV/DIV
100μs/DIV
4619 G06
6VIN 2.5VOUT AT 2A/μs LOAD STEP
f = 780kHz
COUT 2 22μF, 6.3V X5R CERAMIC
COUT 1 330μF, 6.3V SANYO POSCAP
IOUT
1A/DIV
VOUT
50mV/DIV
100μs/DIV
4619 G07
6VIN 3.3VOUT AT 2A/μs LOAD STEP
f = 780kHz
COUT 2 22μF, 6.3V X5R CERAMIC
COUT 1 330μF, 6.3V SANYO POSCAP
IIN
0.5A/DIV
VIN
1V/DIV
20ms/DIV
4619 G08
VIN = 12V, VOUT = 2.5V, IOUT = 0A
COUT = 2 22μF 10V
AND 1 100μF 6.3V CERAMIC CAPs
CSOFTSTART = 0.1μF
USE RUN PIN TO CONTROL START-UP
IIN
0.5A/DIV
VIN
1V/DIV
20ms/DIV
4619 G09
VIN = 12V, VOUT = 2.5V,
IOUT = 4A RESISTIVE LOAD
COUT = 2 22μF 10V,
AND 1 100μF 6.3V CERAMIC CAPs
CSOFTSTART = 0.1μF
USE RUN PIN TO CONTROL START-UP
IIN
0.5A/DIV
VOUT
1V/DIV
50μs/DIV
4619 G10
VIN = 12V, VOUT = 2.5V, IOUT = 0A
COUT = 2 22μF 10V,
AND 1 100μF 6.3V CERAMIC CAPs
IIN
0.5A/DIV
VOUT
1V/DIV
50μs/DIV
4619 G11
VIN = 12V, VOUT = 2.5V, IOUT = 4A
COUT = 2 22μF 10V,
AND 1 100μF 6.3V CERAMIC CAPs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com