Electronic Components Datasheet Search
  English  ▼

X  

SH7216 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7216
Description  USB Mass Storage Class
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7216 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7216 Datasheet HTML 18Page - Renesas Technology Corp SH7216 Datasheet HTML 19Page - Renesas Technology Corp SH7216 Datasheet HTML 20Page - Renesas Technology Corp SH7216 Datasheet HTML 21Page - Renesas Technology Corp SH7216 Datasheet HTML 22Page - Renesas Technology Corp SH7216 Datasheet HTML 23Page - Renesas Technology Corp SH7216 Datasheet HTML 24Page - Renesas Technology Corp SH7216 Datasheet HTML 25Page - Renesas Technology Corp SH7216 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SH7216 Group
USB Function Module: USB Mass Storage Class
REJ06B0897-0100/Rev.1.00
July 2009
Page 22 of 32
Command Name
Transport
Name
Operation Content
CBW
This decodes the command and recognizes it as the VERIFY
(10) command. It then prepares to notify the host PC that the
operation has been successfully completed.
If media access is disabled (LSB of unit_state[0] is 1), it sets
the command to "fail" and also sets a value to be returned in
REQUEST SENSE for NOT READY (not prepared).
Data
Data transport does not exist for this command.
VERIFY (10)
CSW
This notifies the host PC that the operation has been
completed successfully.
If media access is disabled, it returns a command fail (CSW
status H'01).
CBW
This decodes a command and recognizes it as a
STOP/START UNIT command. It then sets the LSB of global
variable unit_state[0] to 1 when the command specifies media
ejection or stop, or clears the LSB of global variable
unit_state[0] to 0 in other cases.
When the user wants recovery from the inaccessible state,
clear the LSB of unit_state[0] to 0.
Data
Data transport does not exist for this command.
STOP/START UNIT
CSW
This notifies the host PC that the operation has been
completed successfully.
CBW
This decodes a command and recognizes it as a MODE
SENSE (6) command. It then prepares to send the requested
MODE SENSE information.
Data
This sends the MODE SENSE information to the host PC
using bulk-in transport.
MODE SENSE (6)
CSW
This sends the results of the command execution to the host
PC.
CBW
This decodes a command and recognizes it as a READ
FORMAT CAPACITY command. Regarding that the disk on
the SDRAM has been formatted, it then prepares to send the
20-byte READ FORMAT CAPACITY information (consisting
of byte count per sector and total sector count of the disk). If
media access is disabled (LSB of unit_state[0] is 1), the
function treats this as no data transfer and follows (4) in
section 5.7, Processing If an Error Occurs. It also sets a value
to be returned in REQUEST SENSE for NOT READY (not
prepared).
Data
This sends the READ FORMAT CAPACITY information to the
host PC using bulk-in transport.
If media access is disabled, it returns data as much as data
requested by the host (H'00).
READ FORMAT
CAPACITY
CSW
This sends the results of the command execution to the host
PC. If media access is disabled, it returns a command fail
(CSW status H'01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com