Electronic Components Datasheet Search
  English  ▼

X  

SH7216 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7216
Description  USB Mass Storage Class
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7216 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7216 Datasheet HTML 1Page - Renesas Technology Corp SH7216 Datasheet HTML 2Page - Renesas Technology Corp SH7216 Datasheet HTML 3Page - Renesas Technology Corp SH7216 Datasheet HTML 4Page - Renesas Technology Corp SH7216 Datasheet HTML 5Page - Renesas Technology Corp SH7216 Datasheet HTML 6Page - Renesas Technology Corp SH7216 Datasheet HTML 7Page - Renesas Technology Corp SH7216 Datasheet HTML 8Page - Renesas Technology Corp SH7216 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SH7216 Group
USB Function Module: USB Mass Storage Class
REJ06B0897-0100/Rev.1.00
July 2009
Page 3 of 32
2.
Overview
This program performs control transfer, bulk transfer, and processing for Mass Storage Class commands that use the
USB function module (USB).
The features of the USB Function Module contained in the SH7216 are listed below.
• Automatic processing of USB protocol
• Automatic processing of USB standard commands for endpoint 0 (some commands need to be processed through
the firmware)
• Full-speed transfer supported
• Interrupt request: Various interrupt signals needed for USB transmission and reception are generated.
• Clock: External input clock generated by the USB oscillator (48 MHz)
• Low power consumption mode provided.
• Internal USB transceiver
• Endpoint configurations: The configurations are indicated in table 1.
Table 1
Endpoint Configurations
Endpoint Name
Name
Transfer Type
Max. Packet Size
FIFO Buffer Capacity
DMA Transfer
EP0s
Setup
8 bytes
8 bytes
—
EP0i
Control In
16 bytes
16 bytes
—
Endpoint 0
EP0o
Control Out
16 bytes
16 bytes
—
Endpoint 1
EP1
Bulk-in
64 bytes
64
× 2 (128) bytes
Possible
Endpoint 2
EP2
Bulk-out
64 bytes
64
× 2 (128) bytes
Possible
Endpoint 3
EP3
Interrupt In
16 bytes
16 bytes
—
Endpoint 4
EP4
Bulk-in
64 bytes
64
× 2 (128) bytes
Possible
Endpoint 5
EP5
Bulk-out
64 bytes
64
× 2 (128) bytes
Possible
Endpoint 6
EP6
Interrupt In
16 bytes
16 bytes
—
Endpoint 7
EP7
Bulk-in
64 bytes
64 bytes
—
Endpoint 8
EP8
Bulk-out
64 bytes
64 bytes
—
Endpoint 9
EP9
Interrupt In
16 bytes
16 bytes
—
Figure 1 shows an example of a system configuration.
SH7216 CPU board
USB cable
Host PC equipped with USB
Windows® 2000, Windows® XP,
Windows® Vista, Mac OS9
Figure 1 System Configuration Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com