Electronic Components Datasheet Search
  English  ▼

X  

SH72531FCC Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH72531FCC
Description  Microcomputer Development Environment System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH72531FCC Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH72531FCC Datasheet HTML 5Page - Renesas Technology Corp SH72531FCC Datasheet HTML 6Page - Renesas Technology Corp SH72531FCC Datasheet HTML 7Page - Renesas Technology Corp SH72531FCC Datasheet HTML 8Page - Renesas Technology Corp SH72531FCC Datasheet HTML 9Page - Renesas Technology Corp SH72531FCC Datasheet HTML 10Page - Renesas Technology Corp SH72531FCC Datasheet HTML 11Page - Renesas Technology Corp SH72531FCC Datasheet HTML 12Page - Renesas Technology Corp SH72531FCC Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Section 1 Connecting the Emulator with the User System
Rev. 2.00 Jun. 08, 2009 Page 3 of 46
REJ10J1941-0200
1.2
Connecting the Emulator with the User System
To connect the E10A-USB emulator (hereinafter referred to as the emulator), the H-UDI port
connector must be installed on the user system to connect the user system interface cable. When
designing the user system, refer to the recommended circuit between the H-UDI port connector
and the MCU. In addition, read the E10A-USB emulator user's manual and hardware manual for
the related device.
Table 1.2 shows the type number of the emulator, the corresponding connector type, and the use of
AUD function.
Table 1.2 Type Number, AUD Function, and Connector Type
Type Number
Connector
AUD Function
HS0005KCU02H
36-pin connector
Available
HS0005KCU01H, HS0005KCU02H
14-pin connector
Not available
HS0005KCU02H
38-pin connector
Available
The H-UDI port connector has the 36-pin, 14-pin, and 38-pin types as described below. Use them
according to the purpose of the usage.
1. 36-pin type (with AUD function; compatible with the E200F emulator)
The AUD trace function is supported. A large amount of trace information can be acquired in
realtime. The window trace function is also supported for acquiring memory access in the
specified range (memory access address or memory access data) by tracing.
2. 14-pin type (without AUD function)
The AUD trace function cannot be used because only the H-UDI function is supported. Since
the 14-pin type connector is smaller than the 36-pin type (1/2.5), the size of the area where the
connector is installed on the user system can be reduced.
3. 38-pin type (with AUD function)
The AUD trace function is supported. As well as the 36-pin type, a large amount of trace
information can be acquired in realtime. Since the 38-pin type connector is smaller than the
36-pin type (1/2.5), the size of the area where the connector is installed on the user system can
be reduced. To use the 38-pin type connector, however, an optional cable (HS0005ECK01H)
is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com