Electronic Components Datasheet Search
  English  ▼

X  

SH72531FCC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH72531FCC
Description  Microcomputer Development Environment System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH72531FCC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH72531FCC Datasheet HTML 9Page - Renesas Technology Corp SH72531FCC Datasheet HTML 10Page - Renesas Technology Corp SH72531FCC Datasheet HTML 11Page - Renesas Technology Corp SH72531FCC Datasheet HTML 12Page - Renesas Technology Corp SH72531FCC Datasheet HTML 13Page - Renesas Technology Corp SH72531FCC Datasheet HTML 14Page - Renesas Technology Corp SH72531FCC Datasheet HTML 15Page - Renesas Technology Corp SH72531FCC Datasheet HTML 16Page - Renesas Technology Corp SH72531FCC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Section 1 Connecting the Emulator with the User System
Rev. 2.00 Jun. 08, 2009 Page 7 of 46
REJ10J1941-0200
Pin 1 mark
Notes: 1. Input to or output from the user system.
2. The symbol (#) means that the signal is active-low.
3. The emulator monitors the GND signal of the user system and
detects whether or not the user system is connected.
25.0
23.0
6 x 2.54 = 15.24
(2.54)
0.45
Pin 1
Pin 8
Pin 7
Pin 14
Pin 1 mark
H-UDI port connector (top view)
H-UDI port connector
(top view)
Pin No.
Signal
1
2
3
4
5
6
7
8
9
11
10, 12,
and 13
14
TCK
TRST#
TDO
N.C.
TMS
TDI
RES#
N.C.
GND
UVCC
GND
Input/
Output*1
*2
GND
*3
Output
Input
Input
Output
Input
Input
Output
Output
Note
User reset
*2
Unit: mm
SH72546RFCC
SH72544R
SH72543R
Pin No.
B18
B17
C16
D15
A19
B12
SH7253
Pin No.
87
89
83
85
84
107
Figure 1.3 Pin Assignments of the H-UDI Port Connector (14 Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com