Electronic Components Datasheet Search
  English  ▼

X  

BF240 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BF240
Description  AM/FM Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF240 Datasheet(HTML) 1 Page - Motorola, Inc

  BF240 Datasheet HTML 1Page - Motorola, Inc BF240 Datasheet HTML 2Page - Motorola, Inc BF240 Datasheet HTML 3Page - Motorola, Inc BF240 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
AM/FM Transistor
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
40
Vdc
Collector – Base Voltage
VCBO
40
Vdc
Emitter – Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
25
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
—
—
Vdc
Collector–Base Breakdown Voltage (IC = 100 µAdc, IE = 0)
V(BR)CBO
40
—
—
Vdc
Emitter–Base Breakdown Voltage (IE = 10 µAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current (VCB = 20 Vdc, IE = 0)
ICBO
—
—
100
nAdc
ON CHARACTERISTICS
DC Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc)
hFE
65
—
220
—
Base–Emitter On Voltage (IC = 1.0 mAdc, VCE = 10 Vdc)
VBE(on)
0.65
0.7
0.74
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
—
600
—
MHz
Common Emitter Feedback Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cre
—
0.28
0.34
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Order this document
by BF240/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BF240
CASE 29–04, STYLE 21
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
3
BASE
2
EMITTER
REV 1


Similar Part No. - BF240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 21
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
NPN RF Transistor
logo
SHENZHEN YONGERJIA INDU...
BF240 WINNERJOIN-BF240 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
Continental Device Indi...
BF240 CDIL-BF240 Datasheet
269Kb / 3P
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF240 NJSEMI-BF240 Datasheet
69Kb / 2P
NPN Silicon Epitaxial Planar Transistors
More results

Similar Description - BF240

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MBC1009F1 SAMSUNG-MBC1009F1 Datasheet
27Kb / 1P
NPN (AM/FM RF AMPLIFIER TRANSISTOR)
logo
Micro Electronics
CL9011 MICRO-ELECTRONICS-CL9011 Datasheet
98Kb / 2P
AM/FM RADIO TRANSISTOR KIT
KM9011 MICRO-ELECTRONICS-KM9011 Datasheet
213Kb / 4P
AM,FM FADIO TRANSISTOR KIT
logo
Samsung semiconductor
MMBC1009F1 SAMSUNG-MMBC1009F1 Datasheet
27Kb / 1P
AM/FM RF AMPLIFIER TRANSISTOR
logo
Micro Electronics
CL9018 MICRO-ELECTRONICS-CL9018 Datasheet
110Kb / 2P
AM/ FM RADIO TRANSISTOR KIT
KM9018 MICRO-ELECTRONICS-KM9018 Datasheet
225Kb / 4P
AM,FM RADIO TRANSISTOR KIT
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
Micro Electronics
CL9000 MICRO-ELECTRONICS-CL9000 Datasheet
135Kb / 2P
AM/FM RADIO TRANSISTOR KIT
KM9000 MICRO-ELECTRONICS-KM9000 Datasheet
273Kb / 4P
AM/FM RADIO TRANSISTOR KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com