Electronic Components Datasheet Search
  English  ▼

X  

BF240 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BF240
Description  AM/FM Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF240 Datasheet(HTML) 3 Page - Motorola, Inc

  BF240 Datasheet HTML 1Page - Motorola, Inc BF240 Datasheet HTML 2Page - Motorola, Inc BF240 Datasheet HTML 3Page - Motorola, Inc BF240 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF240
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
10
0.1
0.2
0.5
1
2
5
2
3
4
5
6
7
8
IC, COLLECTOR CURRENT (mA)
Figure 7. g11e (gie)
VCE = 10 V
100 MHz
45 MHz
10.7 MHz
200
2
5
10
20
50
1
2
3
4
5
6
7
IC, COLLECTOR CURRENT (mA)
Figure 8. g21e (Yfe)
VCE = 10 V
f = 0.47 to 45 MHz
200
1
2
3
4
5
6
7
IC, COLLECTOR CURRENT (mA)
Figure 9. g22e (goe)
2
5
10
20
50
100
VCE = 10 V
100 MHz
45 MHz
10.7 MHz
470 kHz
100
470 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com