Electronic Components Datasheet Search
  English  ▼

X  

UCC5610 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5610
Description  18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5610 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5610 Datasheet HTML 1Page - Texas Instruments UCC5610 Datasheet HTML 2Page - Texas Instruments UCC5610 Datasheet HTML 3Page - Texas Instruments UCC5610 Datasheet HTML 4Page - Texas Instruments UCC5610 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCC5610
The power amplifier output stage allows the UCC5610 to
source full termination current and sink active negation
current when all termination lines are actively negated.
The UCC5610 is pin for pin compatible with Unitrode’s
other 18 line SCSI terminators, allowing lower capaci-
tance and lower voltage upgrades to existing systems.
The UCC5610, as with all Unitrode terminators, is com-
pletely hot pluggable and appears as high impedance at
the terminating channels with VTRMPWR = 0V or open.
Internal circuit trimming is utilized, first to trim the 110
ohm termination impedance to a 7% tolerance, and then
most importantly, to trim the output current to a 4% toler-
ance, as close to the max SCSI-3 spec as possible,
which maximizes noise margin in FAST-20 SCSI opera-
tion.
Other features include thermal shutdown and current
limit.
This device is offered in low thermal resistance versions
of the industry standard 28 pin wide body SOIC, 24 pin
wide body DIP and 28 pin PLCC.
ABSOLUTE MAXIMUM RATINGS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . Self-regulating
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.) . . . . . . . . . . . . . +300°C
RECOMMENDED OPERATING CONDITIONS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.75V to 5.25V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +5V
Disconnect Input Voltage . . . . . . . . . . . . . . . . . . 0V to Termpwr
Description Continued
Unless otherwise specified all voltages are with respect to
Ground. Currents are positive into, negative out of the speci-
fied terminal.
Consult Packaging Section of Unitrode Integrated Circuits dat-
abook for thermal limitations and considerations of packages.
CONNECTION DIAGRAMS
PLCC-28 (Top View)
QP Package
* QP package pins 12 - 18 serve as both heatsink and signal
ground.
* DWP package pin 28 serves as signal ground; pins 7, 8, 9,
20, 21, 22 serve as heatsink/ground.
SOIC-28 (Top View)
DWP Package
Note: Drawings are not to scale.
DIL-24 (Top View)
N or J Package
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com