Electronic Components Datasheet Search
  English  ▼

X  

UCC5610 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5610
Description  18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5610 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5610 Datasheet HTML 1Page - Texas Instruments UCC5610 Datasheet HTML 2Page - Texas Instruments UCC5610 Datasheet HTML 3Page - Texas Instruments UCC5610 Datasheet HTML 4Page - Texas Instruments UCC5610 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCC5610
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines = Open
1
2
mA
All termination lines = 0.2V
415
455
mA
Power Down Mode
DISCNCT = Termpwr
0.5
5
µA
Output Section (110 ohms - Terminator Lines)
Terminator Impedance
(Note 4)
102.3
110
117.7
Ohms
Output High Voltage
(Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25
°C
−22.1
−23
−24
mA
VLINE = 0.2V
−21
−23
−24
mA
VLINE = 0.2V, TRMPWR = 3V, TJ = 25
°C (Note 1)
−20.2
−23
−24
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−19
−23
−24
mA
VLINE = 0.5V
−22.4
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2, 3) (DWP Package)
1.8
2.5
pF
Output Section (2.5k ohms - Terminator Lines) (RDISCNCT = 80k ohms)
Terminator Impedance
22.5
3
k
Ω
Output High Voltage
TRMPWR = 3V (Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V
−0.7
−1
−1.4
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−0.6
−1
−1.5
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0 to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2, 3) (DWP Package)
1.8
2.5
pF
Regulator Section
Regulator Output Voltage
5.25V > TRMPWR > 3V
2.5
2.7
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.1
0.2
V
Short Circuit Current
VREG = 0V
−450
−650
−800
mA
Sinking Current Capability
VREG = 3V
200
400
800
mA
Thermal Shutdown
(Note 2)
170
°C
Thermal Shutdown Hysteresis
(Note 2)
10
°C
Disconnect Section
Disconnect Threshold
RDISCNCT = 0 & 80k
0.8
1.5
2.0
V
Input Current
DISCNCT = 0V
30
50
µA
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 3.3V, DISCNCT = 0V, RDISCNCT= 0 ohms. TA = TJ.
Note 1: Measuring each termination line while other 17 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
Note 3: Output capacitance is measured at 0.5V.
Note 4: Tested by measuring IOUT with VOUT = 0.2V and VOUT = VREG - 0.1V then calculating the impedance.
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com