Electronic Components Datasheet Search
  English  ▼

X  

UCC5618 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5618
Description  18-Line SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5618 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5618 Datasheet HTML 1Page - Texas Instruments UCC5618 Datasheet HTML 2Page - Texas Instruments UCC5618 Datasheet HTML 3Page - Texas Instruments UCC5618 Datasheet HTML 4Page - Texas Instruments UCC5618 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5618
PLCC-28 (Top View)
QP Package
ABSOLUTE MAXIMUM RATINGS
TEMPWR.......................................+7V
Signal Line Voltage ..........................0Vto+7V
Regulator Output Current ...........................1A
Storage Temperature ................... –65°C to +150°C
Operating Junction Temperature .......... –55°C to +150°C
Lead Temperature (Soldering, 10 Seconds) .......... 300°C
All currents are positive into, negative out of the specified
terminal. Consult Packaging Section of Databook for thermal
limitations and considerations of packages.
CONNECTION DIAGRAMS
* DWP package pins 12–18 serve as both heatsink and signal
ground.
* PWP package pin 23 serves as signal ground; pins 7, 8, 9,
20, 21, and 22 serve as heatsink ground.
TSSOP-28 (Top View)
PWP Package
Note: Drawings are not to scale.
DIL-24 (Top View)
N Package
* DWP package pin 28 serves as signal ground; pins 7, 8, 9,
20, 21, 22 serve as heatsink/ground.
SOIC-28 (Top View)
DWP Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com