Electronic Components Datasheet Search
  English  ▼

X  

UCC5618 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5618
Description  18-Line SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5618 Datasheet(HTML) 4 Page - Texas Instruments

  UCC5618 Datasheet HTML 1Page - Texas Instruments UCC5618 Datasheet HTML 2Page - Texas Instruments UCC5618 Datasheet HTML 3Page - Texas Instruments UCC5618 Datasheet HTML 4Page - Texas Instruments UCC5618 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
UCC5618
PIN DESCRIPTIONS
DISCNCT: Taking this pin high or leaving it open causes
the 18 channels to become high impedance and the chip
to go into low-power mode; a low state allows the
channels to provide normal termination.
GND: Ground reference for the IC.
LINE1–LINE18: 110
Ω termination channels.
REG: Output of the internal 2.8V regulator.
TRMPWR: Power for the IC.
APPLICATION INFORMATION
UDG-96012-1
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com