Electronic Components Datasheet Search
  English  ▼

X  

401021 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 401021
Description  Light Meter Adapters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

401021 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  401021 Datasheet HTML 1Page - Extech Instruments Corporation. 401021 Datasheet HTML 2Page - Extech Instruments Corporation. 401021 Datasheet HTML 3Page - Extech Instruments Corporation. 401021 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
401020 and 401021
Ver. 1.03 11/99
2. SPECIFICATIONS
2.1 Electrical Specifications
Accuracy
± (5% + 1mV)
Sensor
Exclusive photo diode & color correction filter
spectrum designed to meet C. I. E.
Operating
Temperature/humidity
32
oF to 122oF (0C to 50oC) / <90% RH
Power Supply
006P DC 9V battery
Power Consumption
Approx. 6 mA DC
Low battery indication
Status LED on Front panel of Adaptor
Dimensions / Weight
3.9x1.9x1" (100x50x25mm) / 0.33 lbs. (150g)
2.2 Range Specifications
401020
401021
Range
Measurement
Output to DMM
Measurement
Output to DMM
1
0 to 2000 Lux
0.1mV per 1 Lux
0 to 200 Fc
1mV per 1 Fc
2
2000 to 20,000 Lux 0.1mV per 10 Lux
200 to 2000 Fc
0.1mV per 1 Fc
3
20k to 50k Lux
0.1 mV per 100 Lux
2000 to 5000 Fc 0.1mV per 10 Fc
2.3 Frequency Spectrum
3. FRONT PANEL DESCRIPTION
1 Power ON status LED
2 Low battery status LED
3 Power ON / Range select switch
4 Light sensor
5 Meter to sensor connect cable
6 DMM banana connector plugs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com